Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 402 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 402 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 398Page - Microsemi Corporation VSC7440 Datasheet HTML 399Page - Microsemi Corporation VSC7440 Datasheet HTML 400Page - Microsemi Corporation VSC7440 Datasheet HTML 401Page - Microsemi Corporation VSC7440 Datasheet HTML 402Page - Microsemi Corporation VSC7440 Datasheet HTML 403Page - Microsemi Corporation VSC7440 Datasheet HTML 404Page - Microsemi Corporation VSC7440 Datasheet HTML 405Page - Microsemi Corporation VSC7440 Datasheet HTML 406Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
385
The specifications in the following table correspond to 10G transmitter output, SFI point B for direct
attach copper and an SFF-8431-compliant SFI channel with no more than 3 dB channel loss.
The specifications in the following table correspond to 10G receiver input, SFI point C for direct attach
copper.
Eye mask X1
X1
0.121
UI
Measured at 5e–5 mask hit ratio.
Eye mask X2
X2
0.33
UI
Measured at 5e–5 mask hit ratio.
Eye mask Y1
Y1
95
mV
Measured at 5e–5 mask hit ratio.
Maximum 3 dB SFI channel loss.
Eye mask Y2
Y2
350
mV
Differential output return loss
SDD22
–12
dB
0.01 GHz to 2 GHz.
Differential output return loss
SDD22
See note 2
dB
2 GHz to 11.1 GHz.
Common-mode return loss3
SCC22
See note4
dB
0.01 GHz to 2.5 GHz.
Common-mode return loss3
SCC22
–3
dB
2.5 GHz to 11.1 GHz.
1.
This value is met when the device’s maximum junction temperature is below 110 °C.
2.
Return loss value is given by the equation SDD22(dB) <–6.68 + 12.1 log10(ƒ/5.5 GHz).
3.
The test set common-mode reference impedance is 25
Ω.
4.
Return loss value is given by the equation SCC22(dB) < –7 + 1.6 x ƒ/GHz,
Table 300 •
10G Transmitter Output (SFI Point B, Host) for Direct Attach Copper
Parameter
Symbol Minimum
Maximum
Unit
Condition
Voltage modulation amplitude,
peak-to-peak
VMA
300
mV
SFF-8431 section D.7. Maximum
3 dB SFI channel loss.
Transmitter QSQ
QSQ
63.1
QSQ = 1/RN if the 1 and 0 level
noises are identical. See
SFF-8431, section D.8.
Output AC common-mode voltage
121
1.
This value is met when the device’s maximum junction temperature is below 110 °C.
mVRMS See SFF-8431 section D.15.
Output TWDPc
TWDPc
10.71
dBe
Host electrical output measured
using SFF-8431 Appendix G,
including copper direct attach
stressor. Maximum 3 dB SFI
channel loss.
Table 301 •
10G Receiver Input (SFI Point C, Host) for Direct Attach Copper
Parameter
Symbol Typical
Unit
Condition
Waveform distortion penalty of ISI
generator
WDPc
9.3
dBe
Copper stressor according to SFF-8431
section E.3.1.
Transmitter QSQ
QSQ
63.1
QSQ = 1/RN if the 1 and 0 level noises
are identical. See SFF-8431, section D.8.
Table 299 •
10G Transmitter Output (SFI Point B, Host) (continued)
Parameter
Symbol Minimum
Maximum
Unit
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com