Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 404 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 404 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 400Page - Microsemi Corporation VSC7440 Datasheet HTML 401Page - Microsemi Corporation VSC7440 Datasheet HTML 402Page - Microsemi Corporation VSC7440 Datasheet HTML 403Page - Microsemi Corporation VSC7440 Datasheet HTML 404Page - Microsemi Corporation VSC7440 Datasheet HTML 405Page - Microsemi Corporation VSC7440 Datasheet HTML 406Page - Microsemi Corporation VSC7440 Datasheet HTML 407Page - Microsemi Corporation VSC7440 Datasheet HTML 408Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
387
The specifications in the following table correspond to 10G transmitter output, SFI point A.
The specifications in the following table correspond to SFI point D, ASIC. Point D assumes that the input
is from a compliant point C output and a compliant SFI channel according to the SFP+ standard
(SFF-8431).
The 10 Gbps transmitter operating in 10GBASE-KR mode complies with IEEE 802.3 clause 72.7.
Table 303 •
10G Transmitter Output (SFI Point A, ASIC)
Parameter
Symbol Minimum
Maximum
Unit
Condition
Data rate
10.3125 – 100 ppm 10.3125 + 100 ppm Gbps
10 Gbps LAN
10 Gbps SFP+ Cu
Data rate
1.25 – 100 ppm
1.25 + 100 ppm
Gbps
1.25 Gbps mode
Termination mismatch at
1MHz
ΔZM
5
%
Rise time and fall time
tR, tF
24
ps
20% to 80%.
AC common-mode voltage
VCM
12
mVRMS
Table 304 •
SFI Input Receiver (SFI Point D, ASIC)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
RXIN input data rate,
10 Gbps LAN
10.3125 –
100 ppm
10.3125
10.3125 + 10
0ppm
Gbps
10 Gbps LAN mode
10 Gbps SFP+ Cu
RXIN input data rate,
1.25 Gbps
1.25 –
100 ppm
1.25
1.25 +
100 ppm
Gbps
1.25 Gbps mode
RXIN linear mode
differential input data
swing
ΔVRXINLINEAR 180
600
mV
Voltage modulation
amplitude (VMA)
RXIN limiting mode
differential input data
swing
ΔVRXINLIMITING 300
850
mV
Measured peak-to-peak
RXIN AC common-mode
voltage
VCM
15
mVRMS
Table 305 •
10GBASE-KR Transmitter
Parameter
Symbol
Minimum
Maximum
Unit
Condition
Data rate
10.3125 – 100 ppm
10.3125 + 100 ppm
Gbps
Differential output return
loss
RLOSDD22
–9
dB
50 MHz to 2.5 MHz
Differential output return
loss
RLOSDD22
–9 + 12 x log10
(ƒ/2.5 GHz)
dB
2.5 GHz to 7.5 GHz
Common-mode output
return loss
RLOSCC22
–6
dB
50 MHz to 2.5 MHz
Common-mode output
return loss
RLOSCC22
–6 + 12 x log10
(ƒ/2.5 GHz)
dB
2.5 GHz to 7.5 GHz
Rise time and fall time
tR, tF
24
571
ps
20% to 80%
Random jitter
RJ
0.171, 2
UIP-P
Deterministic jitter
DJ
0.151
UIP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com