Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 406 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 406 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 402Page - Microsemi Corporation VSC7440 Datasheet HTML 403Page - Microsemi Corporation VSC7440 Datasheet HTML 404Page - Microsemi Corporation VSC7440 Datasheet HTML 405Page - Microsemi Corporation VSC7440 Datasheet HTML 406Page - Microsemi Corporation VSC7440 Datasheet HTML 407Page - Microsemi Corporation VSC7440 Datasheet HTML 408Page - Microsemi Corporation VSC7440 Datasheet HTML 409Page - Microsemi Corporation VSC7440 Datasheet HTML 410Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
389
6.2.7
MII Management
All AC specifications for the MII Management (MIIM) interface meet or exceed the requirements of
IEEE 802.3-2002 (clause 22.2-4).
All MIIM AC timing requirements are specified relative to the input low and input high threshold levels.
The following illustration shows the MIIM waveforms and required measurement points for the signals.
Figure 136 •
MIIM Timing Diagram
The set up time of MDIO relative to the rising edge of MDC is defined as the length of time between when
the MDIO exits and remains out of the switching region and when MDC enters the switching region. The
hold time of MDIO relative to the rising edge of MDC is defined as the length of time between when MDC
exits the switching region and when MDIO enters the switching region.
The MIIM signals are GPIO alternate functions. For more information, see GPIO Overlaid Functions,
page 352. All MIIM signals comply with the specifications in the following table. The MDIO signal
requirements are requested at the pin of the device.
Table 308 •
MIIM Timing Specifications
Parameter
Symbol Minimum
Maximum
Unit
Condition
MDC frequency1
1.
For the maximum value, the device supports an MDC clock speed of up to 20 MHz for faster communication with
the PHYs. If the standard frequency of 2.5 MHz is used, the MIIM interface is designed to meet or exceed the
IEEE 802.3 requirements of the minimum MDC high and low times of 160 ns and an MDC cycle time of minimum
400 ns, which is not possible at faster speeds.
ƒ
0.488
20.83
MHz
MDC cycle time2
2.
Calculated as tC =1/ƒ.
tC
48
2048
ns
MDC time high
tW(CH)
20
ns
CL =50pF
MDC time low
tW(CL)
20
ns
CL =50pF
MDIO setup time to MDC on write
tSU(W)
15
ns
CL =50pF
MDIO hold time from MDC on write tH(W)
15
ns
CL =50pF
MDIO setup time to MDC on read
tSU(R)
30
ns
CL = 50 pF on MDC
MDIO hold time from MDC on read tH(R)
0ns
CL =50pF
tH(W)
tH(R)
VIH(DC)MIN
VIL(DC)MAX
VIH(DC)MIN
VIL(DC)MAX
VIH(DC)MIN
VIL(DC)MAX
tC
tSU(W)
tSU(R)
tW(CL)
tW(CH)
MDC
MDIO
(Write)
MDIO
(Read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com