Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 408 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 408 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 404Page - Microsemi Corporation VSC7440 Datasheet HTML 405Page - Microsemi Corporation VSC7440 Datasheet HTML 406Page - Microsemi Corporation VSC7440 Datasheet HTML 407Page - Microsemi Corporation VSC7440 Datasheet HTML 408Page - Microsemi Corporation VSC7440 Datasheet HTML 409Page - Microsemi Corporation VSC7440 Datasheet HTML 410Page - Microsemi Corporation VSC7440 Datasheet HTML 411Page - Microsemi Corporation VSC7440 Datasheet HTML 412Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
391
6.2.10
Serial Interface (SI) for Slave Mode
All serial interface (SI) slave mode timing requirements are specified relative to the input low and input
high threshold levels. The following illustrations show the timing parameters and measurement points for
SI input and output data.
Figure 138 •
SI Input Data Timing Diagram for Slave Mode
Figure 139 •
SI Output Data Timing Diagram for Slave Mode
Clock rise time and fall time
tR, tF
10
ns
Between VIL(MAX) and
VIH(MIN). CL=30 pF.
SI_DO setup time to clock
tSU(DO)
10
ns
SI_DO hold time from clock
tH(DO)
10
ns
Enable active before first clock tLEAD
10
ns
Enable inactive after clock
tLAG
15
ns
SI_DI setup time to clock
tSU(DI)
15
ns
SI_DI hold time from clock
tH(DI)
0ns
1.
Frequency is programmable. The startup frequency is 4 MHz.
Table 310 •
SI Timing Specifications for Master Mode (continued)
Parameter
Symbol Minimum Maximum
Unit Condition
tC
tW(CH)
tLAG1
tLEAD
tW(CL)
tSU(DI)
tH(DI)
tF
tR
SI_nCS0
(Input)
SI_CLK
(Input)
SI_DO
(Output)
High Impedance
SI_DI
(Input)
tLAG2
tW(EH)
Last data bit
tV(C)
tH(DO)
tDIS1
tDIS2
SI_nCS0
(Input)
SI_CLK
(Input)
SI_DO
(Output)
SI_DI
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com