Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 412 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 412 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 408Page - Microsemi Corporation VSC7440 Datasheet HTML 409Page - Microsemi Corporation VSC7440 Datasheet HTML 410Page - Microsemi Corporation VSC7440 Datasheet HTML 411Page - Microsemi Corporation VSC7440 Datasheet HTML 412Page - Microsemi Corporation VSC7440 Datasheet HTML 413Page - Microsemi Corporation VSC7440 Datasheet HTML 414Page - Microsemi Corporation VSC7440 Datasheet HTML 415Page - Microsemi Corporation VSC7440 Datasheet HTML 416Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
395
Figure 144 •
JTAG Interface Timing Diagram
All JTAG signals comply with the specifications in the following table. The JTAG receive signal
requirements are requested at the pin of the device.
The JTAG_nTRST signal is asynchronous to the clock and does not have a setup or hold time
requirement.
The following illustration shows the test circuit for the TDO disable time.
Figure 145 •
Test Circuit for TDO Disable Time
Table 314 •
JTAG Interface AC Specifications
Parameter
Symbol
Minimum
Maximum
Unit
Condition
JTAG_TCK frequency
ƒ
10
MHz
JTAG_TCK cycle time
tC
100
ns
JTAG_TCK high time
tW(CH)
40
ns
JTAG_TCK low time
tW(CL)
40
ns
Setup time to JTAG_TCK rising
tSU
10
ns
Hold time from JTAG_TCK rising
tH
10
ns
TDO valid after JTAG_TCK falling
tV(C)
28
ns
CL =10pF
TDO hold time from JTAG_TCK falling
tH(TDO)
0ns
CL =0pF
JTAG_TDO disable time1
1.
The pin begins to float when a 300 mV change from the actual VOH/VOL level occurs.
tDIS
30
ns
See Figure 145,
page 395.
JTAG_nTRST time low
tW(TL)
30
ns
JTAG_TCK
JTAG_TDI
JTAG__TMS
JTAG_TDO
JTAG_nTRST
tC
tW(TL)
tW(CH)
tW(CL)
tH(TDO)
tH
tDIS
See definition
tSU
tV(C)
5 pF
From Output
Under Test
3.3 V
500
Ω
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com