Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 413 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 413 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 409Page - Microsemi Corporation VSC7440 Datasheet HTML 410Page - Microsemi Corporation VSC7440 Datasheet HTML 411Page - Microsemi Corporation VSC7440 Datasheet HTML 412Page - Microsemi Corporation VSC7440 Datasheet HTML 413Page - Microsemi Corporation VSC7440 Datasheet HTML 414Page - Microsemi Corporation VSC7440 Datasheet HTML 415Page - Microsemi Corporation VSC7440 Datasheet HTML 416Page - Microsemi Corporation VSC7440 Datasheet HTML 417Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
396
6.2.13
Serial Inputs/Outputs
This section provides the AC characteristics for the serial I/O signals: SG0_CLK, SG0_DO, SG0_DI, and
SG0_LD. These signals are GPIO alternate functions. For more information, see GPIO Overlaid
Functions, page 352.
The serial I/O timing diagram is shown in the following illustration.
Figure 146 •
Serial I/O Timing Diagram
The following table lists the serial I/O timing specifications. Applies to the GPIO_[3:0] pins when used as
serial I/O.
6.2.14
Recovered Clock Outputs
This section provides the AC characteristics for the recovered clock output signals, RCVRD_CLK[3:0].
These signals are GPIO alternate functions. For more information about the GPIO pin mapping, see
GPIO Overlaid Functions, page 352.
The following illustration shows the test circuit for the recovered clock output signals.
Table 315 •
Serial I/O Timing Specifications
Parameter
Symbol
Minimum
Maximum
Unit
Clock frequency1
1.
The SIO clock frequency is programmable.
ƒ25
MHz
SG0_CLK clock pulse width
tW(CLK)
40
60
%
SG0_DO valid after clock falling
tV(DO)
6ns
SG0_DO hold time from clock falling
tH(DO)
6ns
SG0_LD propagation delay from clock falling
tPD(LATCH) 40
ns
SG0_LD width
tW(LATCH)
10
ns
SG0_DI setup time to clock
tSU(DI)
25
ns
SG0_DI hold time from clock
tH(DI)
4ns
SG[2:0]_CLK
tV(DO)
tH(DO)
tW(CLK)
tPD(LATCH)
VIH(DC)
VIL(DC)
VIH(DC)
VIL(DC)
VIH(DC)
VIL(DC)
VIH(DC)
VIL(DC)
tW(Latch)
tH(DI)
tSU(DI)
SG[2:0]_DO
SG[2:0]_LD
SG[2:0]_DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com