Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 417 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 417 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 413Page - Microsemi Corporation VSC7440 Datasheet HTML 414Page - Microsemi Corporation VSC7440 Datasheet HTML 415Page - Microsemi Corporation VSC7440 Datasheet HTML 416Page - Microsemi Corporation VSC7440 Datasheet HTML 417Page - Microsemi Corporation VSC7440 Datasheet HTML 418Page - Microsemi Corporation VSC7440 Datasheet HTML 419Page - Microsemi Corporation VSC7440 Datasheet HTML 420Page - Microsemi Corporation VSC7440 Datasheet HTML 421Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
400
6.3.2
Power Consumption
The following table shows power consumption values when the device is at maximum configuration; all
interfaces and functions enabled (2 × cuPHY + 2 × GbE (dual media), 2 × GbE, 4 × 2.5 GbE,
2×10 GbE.
The following table shows typical power consumption reductions for reduced configurations compared to
maximum configurations.
6.3.3
Power Supply Sequencing
During power on and off, VDD_A, VDD_HS, and VDD_VS must never be more than 300 mV above VDD.
VDD_HS and VDD_VS must be powered, even if the associated interface is not used. These power
supplies must not remain at ground or left floating.
A maximum delay of 100 ms from VDD_IODDR to VDD is recommended. There is no requirement from VDD
to VDD_IODDR.
The VDD_IODDR supply can remain at ground or left floating if not used. If VDD_IODDR is grounded,
DDR_Vref must also be grounded.
There are no sequencing requirements for VDD_IO.
The nRESET and JTAG_nTRST inputs must be held low until all power supply voltages have reached
their recommended operating condition values.
6.4
Operating Conditions
The following table shows the recommended operating conditions.
Table 320 •
Power Consumption
Parameter
Typical
Maximum
(TJ_MAX = 110 °C)
Maximum
(TJ_MAX = 125 °C)
Unit
Power consumption, VDD_VS and VDD_HS = 1.0 V
4.0
6.9
7.2
W
Power consumption, VDD_VS and VDD_HS = 1.2 V
4.1
6.2
6.6
W
Table 321 •
Power Consumption, Reduced Configuration
Parameter
Typical
Unit
Power consumption reduction for each cuPHY port disabled
0.3
W
Power consumption reduction for each 10 GbE port disabled
0.3
W
Table 322 •
Recommended Operating Conditions
Parameter
Symbol
Minimum Typical
Maximum Unit
Power supply voltage for core supply
VDD
0.95
1.0
1.05
V
Power supply voltage for analog circuits
VDD_A
0.95
1.0
1.05
V
Power supply voltage for 10G interface, 1.0 V1
VDD_HS
0.95
1.0
1.05
V
Power supply voltage for 10G interface, 1.2 V
VDD_HS
1.14
1.2
1.26
V
Power supply voltage for 1G and 6G interfaces, 1.0 V2
VDD_VS
0.95
1.0
1.05
V
Power supply voltage for 1G and 6G interfaces, 1.2 V
VDD_VS
1.14
1.2
1.26
V
Power supply voltage for copper PHY analog circuits
VDD_AL
0.95
1.0
1.05
V
Power supply voltage for copper PHY interface
VDD_AH
2.375
2.5
2.625
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com