Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 421 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 421 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 417Page - Microsemi Corporation VSC7440 Datasheet HTML 418Page - Microsemi Corporation VSC7440 Datasheet HTML 419Page - Microsemi Corporation VSC7440 Datasheet HTML 420Page - Microsemi Corporation VSC7440 Datasheet HTML 421Page - Microsemi Corporation VSC7440 Datasheet HTML 422Page - Microsemi Corporation VSC7440 Datasheet HTML 423Page - Microsemi Corporation VSC7440 Datasheet HTML 424Page - Microsemi Corporation VSC7440 Datasheet HTML 425Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 444 page
background image
Pin Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
404
7.2.1
DDR SDRAM Interface
The following table lists the pins associated with the DDR3/DDR3L SDRAM interface.
TD
Termination differential
Internal differential termination
Table 325 •
DDR3/DDR3L SDRAM Pins
Name
I/O
Type
Level
Description
DDR_A[15:0]
O
SSTL
SDRAM address outputs.
Provide row and column addresses to the SDRAM.
DDR_BA[2:0]
O
SSTL
SDRAM bank address outputs.
DDR_BA[2:0] define to which bank an ACTIVE, READ, WRITE, or
PRECHARGE command is applied.
DDR_CK
DDR_CKn
O
DIFF
SSTL
SDRAM differential clock. Differential clock to external SDRAM.
DDR_CK is the true part of the differential signal.
DDR_CKn is the complement part.
DDR_CKE
O
SSTL
SDRAM clock enable.
0: Disables clock in external SDRAM.
1: Enables clock in external SDRAM.
DDR_nCS[1:0]
O
SSTL
SDRAM chip selects. Active low.
DDR_DQ[15:0]
I/O
SSTL
SDRAM data bus.
DDR_LDM
DDR_UDM
O
SSTL
SDRAM data mask outputs.
DDR_LDM and DDR_UDM are mask signals for data written to the
SDRAM. DDR_LDM corresponds to data on DDR_DQ[7:0], and
DDR_UDM corresponds to data on DDR_DQ[15:8].
DDR_LDQS
DDR_LDQSn
DDR_UDQS
DDR_UDQSn
I/O
DIFF,
TD
SSTL
SDRAM differential data strobes.
Bidirectional differential signal that follows data direction. Used by
SDRAM to capture data on write operations. Edge-aligned with data
from SDRAM during read operations and used by the device to
capture data.
DDR_LDQS corresponds to data on DDR_DQ[7:0], and DDR_UDQS
corresponds to data on DDR_DQ[15:8].
DDR_nRAS
DDR_nCAS
DDR_nWE
O
SSTL
SDRAM command outputs.
DDR_nRAS, DDR_nCAS, and DDR_nWE (along with DDR_nCS)
define the command being entered.
DDR_ODT
O
SSTL
Control signal for the attached DDR3/DDR3L SDRAM devices on-die
termination.
DDR_Rext
ABIAS
Analog External DDR impedance calibration.
Connect the pin through an external 240
Ω ±1% resistor to ground.
DDR_Vref
ABIAS
Analog Input reference voltage.
Provides the input switching reference voltage to the SSTL DDR
signals.
Table 324 •
Pin Type Symbol Definitions (continued)
Symbol
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com