Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 424 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 424 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 420Page - Microsemi Corporation VSC7440 Datasheet HTML 421Page - Microsemi Corporation VSC7440 Datasheet HTML 422Page - Microsemi Corporation VSC7440 Datasheet HTML 423Page - Microsemi Corporation VSC7440 Datasheet HTML 424Page - Microsemi Corporation VSC7440 Datasheet HTML 425Page - Microsemi Corporation VSC7440 Datasheet HTML 426Page - Microsemi Corporation VSC7440 Datasheet HTML 427Page - Microsemi Corporation VSC7440 Datasheet HTML 428Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 444 page
background image
Pin Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
407
7.2.8
SERDES1G
The following table lists the pins that use the SERDES1G differential macro. For information about the
protocols and data rates supported by the SERDES1G macro, see Table 6, page 25.
7.2.9
SERDES6G
The following table lists the pins that use the SERDES6G differential macro. For information about the
protocols and data rates supported by the SERDES6G macro, see Table 6, page 25.
7.2.10
SERDES10G
The following table lists the pins that use the SERDES10G differential macro. For information about the
protocols and data rates supported by the SERDES10G macro, see Table 6, page 25.
VDD_VS_[6:1]
Power
1.0 V or 1.2 V power supply voltage for SERDES1G and SERDES6G
VSS_[68:1]
Ground
Ground reference
Table 332 •
SERDES1G Pins
Name
I/O
Type
Level
Description
S4_RXN
S4_RXP
I
TD
LVDS
Differential 1G NPI data inputs.
S4_TXN
S4_TXP
O
LVDS
Differential 1G NPI data outputs.
S[3:2]_RXN
S[3:2]_RXP
I
TD
LVDS
Differential 1G data inputs.
S[3:2]_TXN
S[3:2]_TXP
O
LVDS
Differential 1G data outputs.
S[1:0]_RXN
S[1:0]_RXP
I
TD
LVDS
Differential 1G data inputs/dual media.
S[1:0]_TXN
S[1:0]_TXP
O
LVDS
Differential 1G data outputs/dual media.
Table 333 •
SERDES6G Pins
Name
I/O
Type
Level
Description
S[6:5]_RXN
S[6:5]_RXP
I
TD
CML
Differential data inputs.
1G/2.5G
S[6:5]_TXN
S[6:5]_TXP
O
CML
Differential data outputs.
1G/2.5G
Table 334 •
SERDES10G Pins
Name
I/O
Type
Level
Description
S[10:9]_RXN
S[10:9]_RXP
I
TD
CML
Differential data inputs.
10G/2.5G/1G.
Table 331 •
Power Supply and Ground Pins (continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com