Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 426 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 426 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 422Page - Microsemi Corporation VSC7440 Datasheet HTML 423Page - Microsemi Corporation VSC7440 Datasheet HTML 424Page - Microsemi Corporation VSC7440 Datasheet HTML 425Page - Microsemi Corporation VSC7440 Datasheet HTML 426Page - Microsemi Corporation VSC7440 Datasheet HTML 427Page - Microsemi Corporation VSC7440 Datasheet HTML 428Page - Microsemi Corporation VSC7440 Datasheet HTML 429Page - Microsemi Corporation VSC7440 Datasheet HTML 430Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 444 page
background image
Pin Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
409
7.2.13
Twisted Pair Interface
The following table lists the pins associated with the twisted pair interface.
CLKOUTPLL2_N
CLKOUTPLL2_P
O
LVDS
PLL2 clock output. Leave floating if not used.
REFCLK_N
REFCLK_P
REFCLK2_N
REFCLK2_P
ITD
LVDS
LVCMOS
Reference clock inputs.
The inputs can be either differential or single-ended.
In differential mode (LVDS), REFCLK_P/REFCLK2_P is the true
part of the differential signal, and REFCLK_N/REFCLK_N is the
complement part of the differential signal.
In single-ended mode (LVCMOS), REFCLK_P/REFCLK2_P is used
as single-ended LVTTL input. REFCLK_N/REFCLK2_N should be
left floating, and the PLL registers must be configured for single-
ended operation.
Required applied frequency depends on REFCLK_CONF[2:0] and
REFCLK2_CONF[2:0] input state.
Table 337 •
Twisted Pair Interface Pins
Name
I/O
Type
Description
P0_D0P
P1_D0P
I/O
ADIFF Tx/Rx channel A positive signal.
Positive differential signal connected to the positive primary side of the transformer.
This pin signal forms the positive signal of the A data channel. In all three speeds,
these pins generate the secondary side signal, normally connected to RJ-45 pin 1.
P0_D0N
P1_D0N
I/O
ADIFF Tx/Rx channel A negative signal.
Negative differential signal connected to the negative primary side of the transformer.
This pin signal forms the negative signal of the A data channel. In all three speeds,
these pins generate the secondary side signal, normally connected to RJ-45 pin 2.
P0_D1P
P1_D1P
I/O
ADIFF Tx/Rx channel B positive signal.
Positive differential signal connected to the positive primary side of the transformer.
This pin signal forms the positive signal of the B data channel. In all three speeds,
these pins generate the secondary side signal, normally connected to RJ-45 pin 3.
P0_D1N
P1_D1N
I/O
ADIFF Tx/Rx channel B negative signal.
Negative differential signal connected to the negative primary side of the transformer.
This pin signal forms the negative signal of the B data channel. In all three speeds,
these pins generate the secondary side signal, normally connected to RJ-45 pin 6.
P0_D2P
P1_D2P
I/O
ADIFF Tx/Rx channel C positive signal.
Positive differential signal connected to the positive primary side of the transformer.
This pin signal forms the positive signal of the C data channel. In 1000-Mbps mode,
these pins generate the secondary side signal, normally connected to RJ-45 pin 4
(pins not used in 10/100 Mbps modes).
P0_D2N
P1_D2N
I/O
ADIFF Tx/Rx channel C negative signal.
Negative differential signal connected to the negative primary side of the transformer.
This pin signal forms the negative signal of the C data channel. In 1000-Mbps mode,
these pins generate the secondary side signal, normally connected to RJ-45 pin 5
(pins not used in 10/100 Mbps modes).
Table 336 •
System Clock Interface Pins (continued)
Name
I/O
Type
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com