Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 425 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 425 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 421Page - Microsemi Corporation VSC7440 Datasheet HTML 422Page - Microsemi Corporation VSC7440 Datasheet HTML 423Page - Microsemi Corporation VSC7440 Datasheet HTML 424Page - Microsemi Corporation VSC7440 Datasheet HTML 425Page - Microsemi Corporation VSC7440 Datasheet HTML 426Page - Microsemi Corporation VSC7440 Datasheet HTML 427Page - Microsemi Corporation VSC7440 Datasheet HTML 428Page - Microsemi Corporation VSC7440 Datasheet HTML 429Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 444 page
background image
Pin Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
408
7.2.11
Serial CPU Interface
The serial CPU interface (SI) can be used as a serial slave, master, or boot interface.
As a slave interface, it allows external CPUs to access internal registers. As a master interface, it allows
the device to access external devices using a programmable protocol. The serial CPU interface also
allows the internal VCore-III CPU system to boot from an attached serial memory device when the
VCore_CFG signals are set appropriately.
The following table lists the pins associated with the serial CPU interface (SI).
7.2.12
System Clock Interface
The following table lists the pins associated with the system clock interface.
S[10:9]_TXN
S[10:9]_TXP
O
CML
Differential data outputs.
10G/2.5G/1G.
S[8:7]_RXN
S[8:7]_RXP
I
TD
CML
Differential data inputs.
10G/2.5G/1G.
S[8:7]_TXN
S[8:7]_TXP
O
CML
Differential data outputs.
10G/2.5G/1G.
Table 335 •
Serial CPU Interface Pins
Name
I/O
Type
Level
Description
SI_CLK
I/O
ST, 3V
LVCMOS Slave mode: Input receiving serial interface clock from external master.
Master mode: Output driven with clock to external device.
Boot mode: Output driven with clock to external serial memory device.
SI_DI
I
ST, 3V
LVCMOS Slave mode: Input receiving serial interface data from external master.
Master mode: Input data from external device.
Boot mode: Input boot data from external serial memory device.
SI_DO
O
OZ, 3V
LVCMOS Slave mode: Output transmitting serial interface data to external
master.
Master mode: Output data to external device.
Boot mode: Output boot control data to external serial memory device.
SI_nCS0
I/O
ST, 3V
LVCMOS Slave mode: Input used to enable SI slave interface.
0 = Enabled
1 = Disabled
Master mode: Output driven low while accessing external device.
Boot mode: Output driven low while booting from EEPROM or serial
flash to internal VCore-III CPU system. Released when booting is
completed.
Table 336 •
System Clock Interface Pins
Name
I/O
Type
Level
Description
CLKOUTPLL_N
CLKOUTPLL_P
O
LVDS
PLL clock output. Leave floating if not used.
Table 334 •
SERDES10G Pins (continued)
Name
I/O
Type
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com