Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 427 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 427 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 423Page - Microsemi Corporation VSC7440 Datasheet HTML 424Page - Microsemi Corporation VSC7440 Datasheet HTML 425Page - Microsemi Corporation VSC7440 Datasheet HTML 426Page - Microsemi Corporation VSC7440 Datasheet HTML 427Page - Microsemi Corporation VSC7440 Datasheet HTML 428Page - Microsemi Corporation VSC7440 Datasheet HTML 429Page - Microsemi Corporation VSC7440 Datasheet HTML 430Page - Microsemi Corporation VSC7440 Datasheet HTML 431Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 444 page
background image
Pin Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
410
P0_D3P
P1_D3P
I/O
ADIFF Tx/Rx channel D positive signal.
Positive differential signal connected to the positive primary side of the transformer.
This pin signal forms the positive signal of the D data channel. In 1000-Mbps mode,
these pins generate the secondary side signal, normally connected to RJ-45 pin 7
(pins not used in 10/100 Mbps modes).
P0_D3N
P1_D3N
I/O
ADIFF Tx/Rx channel D negative signal.
Negative differential signal connected to the negative primary side of the transformer.
This pin signal forms the negative signal of the D data channel. In 1000-Mbps mode,
these pins generate the secondary side signal, normally connected to RJ-45 pin 8
(pins not used in 10/100 Mbps modes).
Table 337 •
Twisted Pair Interface Pins (continued)
Name
I/O
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com