Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 431 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 431 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 427Page - Microsemi Corporation VSC7440 Datasheet HTML 428Page - Microsemi Corporation VSC7440 Datasheet HTML 429Page - Microsemi Corporation VSC7440 Datasheet HTML 430Page - Microsemi Corporation VSC7440 Datasheet HTML 431Page - Microsemi Corporation VSC7440 Datasheet HTML 432Page - Microsemi Corporation VSC7440 Datasheet HTML 433Page - Microsemi Corporation VSC7440 Datasheet HTML 434Page - Microsemi Corporation VSC7440 Datasheet HTML 435Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 444 page
background image
VMDS-10492 VSC7440 Datasheet Revision 4.2
414
L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
7.4
Pins by Name
This section provides an alphabetic list of the VSC7440 pins.
CLKOUTPLL_N
B1
CLKOUTPLL_P
B2
CLKOUTPLL2_N
V2
CLKOUTPLL2_P
V3
DDR_A0
M18
DDR_A1
J15
DDR_A2
N15
DDR_A3
J16
DDR_A4
L16
DDR_A5
J17
DDR_A6
L17
DDR_A7
J18
DDR_A8
L18
DDR_A9
K15
DDR_A10
H18
DDR_A11
L15
DDR_A12
K16
DDR_A13
M15
DDR_A14
N17
DDR_A15
N16
DDR_BA0
H16
DDR_BA1
H17
DDR_BA2
H15
DDR_CK
K17
DDR_CKE
G18
DDR_CKn
K18
DDR_DQ0
P17
DDR_DQ1
T18
DDR_DQ2
P18
DDR_DQ3
U18
DDR_DQ4
T17
DDR_DQ5
R15
DDR_DQ6
R16
DDR_DQ7
P16
DDR_DQ8
D18
DDR_DQ9
F16
DDR_DQ10
D17
DDR_DQ11
F17
DDR_DQ12
F18
DDR_DQ13
D16
DDR_DQ14
F15
DDR_DQ15
E15
DDR_LDM
T16
DDR_LDQS
R17
DDR_LDQSn
R18
DDR_nCAS
M17
DDR_nCS0
M16
DDR_nCS1
G15
DDR_nRAS
N18
DDR_nWE
G17
DDR_ODT
P15
DDR_Rext
U17
DDR_UDM
E16
DDR_UDQS
E18
DDR_UDQSn
E17
DDR_Vref
V17
GPIO_0
R7
GPIO_1
T7
GPIO_2
U7
GPIO_3
V7
GPIO_4
R8
GPIO_5
T8
GPIO_6
U8
GPIO_7
V8
GPIO_8
R9
GPIO_9
T9
GPIO_10
U9
GPIO_11
V9
GPIO_12
R10
GPIO_13
T10
GPIO_14
U10
GPIO_15
V10
GPIO_16
R11
GPIO_17
T11
GPIO_18
U11
GPIO_19
V11
GPIO_20
R12
GPIO_21
T12
GPIO_22
U12
GPIO_23
V12
GPIO_24
R13
GPIO_25
T13
GPIO_26
U13
GPIO_27
V13
GPIO_28
R14
GPIO_29
T14
GPIO_30
U14
GPIO_31
V14
GPIO_32
T15
GPIO_33
U15
GPIO_34
V15
GPIO_35
U16
GPIO_36
V16
JTAG_ICE_nEN
T5
JTAG_nTRST
R4
JTAG_TCK
V4
JTAG_TDI
U4
JTAG_TDO
U5
JTAG_TMS
T4
nRESET
V5
P0_D0N
A14
P0_D0P
B14
P0_D1N
A15
P0_D1P
B15
P0_D2N
A16
P0_D2P
B16
P0_D3N
A17
P0_D3P
B17
P1_D0N
A10
P1_D0P
B10
P1_D1N
A11
P1_D1P
B11
P1_D2N
A12
P1_D2P
B12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com