Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 434 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 434 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 430Page - Microsemi Corporation VSC7440 Datasheet HTML 431Page - Microsemi Corporation VSC7440 Datasheet HTML 432Page - Microsemi Corporation VSC7440 Datasheet HTML 433Page - Microsemi Corporation VSC7440 Datasheet HTML 434Page - Microsemi Corporation VSC7440 Datasheet HTML 435Page - Microsemi Corporation VSC7440 Datasheet HTML 436Page - Microsemi Corporation VSC7440 Datasheet HTML 437Page - Microsemi Corporation VSC7440 Datasheet HTML 438Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 444 page
background image
Package Information
VMDS-10492 VSC7440 Datasheet Revision 4.2
417
8
Package Information
The VSC7440XMT package is a lead-free (Pb-free), 324-pin, plastic ball grid array (BGA) with a
19 mm × 19 mm body size, 1 mm pin pitch, and 1.8 mm maximum height.
Lead-free products from Microsemi comply with the temperatures and profiles defined in the joint IPC
and JEDEC standard IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC standard.
This section provides the package drawing, thermal specifications, and moisture sensitivity rating for the
VSC7440 device.
8.1
Package Drawing
The following illustration shows the package drawing for the VSC7440 device. The drawing contains the
top view, bottom view, side view, detail views, dimensions, tolerances, and notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com