Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 436 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 436 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 432Page - Microsemi Corporation VSC7440 Datasheet HTML 433Page - Microsemi Corporation VSC7440 Datasheet HTML 434Page - Microsemi Corporation VSC7440 Datasheet HTML 435Page - Microsemi Corporation VSC7440 Datasheet HTML 436Page - Microsemi Corporation VSC7440 Datasheet HTML 437Page - Microsemi Corporation VSC7440 Datasheet HTML 438Page - Microsemi Corporation VSC7440 Datasheet HTML 439Page - Microsemi Corporation VSC7440 Datasheet HTML 440Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 444 page
background image
Package Information
VMDS-10492 VSC7440 Datasheet Revision 4.2
419
PCB). For more information about the thermal measurement method used for this device, see the
JESD51-1 standard.
To achieve results similar to the modeled thermal measurements, the guidelines for board design
described in the JESD51 family of publications must be applied. For information about applications using
BGA packages, see the following:
•
JESD51-2A, Integrated Circuits Thermal Test Method Environmental Conditions, Natural Convection
(Still Air)
•
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions, Forced Convection
(Moving Air)
•
JESD51-8, Integrated Circuit Thermal Test Method Environmental Conditions, Junction-to-Board
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
8.3
Moisture Sensitivity
This device is rated moisture sensitivity level 4 as specified in the joint IPC and JEDEC standard
IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC standard.
Table 338 •
Thermal Resistances
Symbol
°C/W
Parameter
θJCtop
2.89
Die junction to package case top
θJB
8.65
Die junction to printed circuit board
θJA
15.94
Die junction to ambient
θJMA at 1 m/s
13.3
Die junction to moving air measured at an air speed of 1 m/s
θJMA at 2 m/s
12.36
Die junction to moving air measured at an air speed of 2 m/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com