Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 440 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 440 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 436Page - Microsemi Corporation VSC7440 Datasheet HTML 437Page - Microsemi Corporation VSC7440 Datasheet HTML 438Page - Microsemi Corporation VSC7440 Datasheet HTML 439Page - Microsemi Corporation VSC7440 Datasheet HTML 440Page - Microsemi Corporation VSC7440 Datasheet HTML 441Page - Microsemi Corporation VSC7440 Datasheet HTML 442Page - Microsemi Corporation VSC7440 Datasheet HTML 443Page - Microsemi Corporation VSC7440 Datasheet HTML 444Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 440 / 444 page
background image
Design Guidelines
VMDS-10492 VSC7440 Datasheet Revision 4.2
423
•
Low swing signaling is supported for VDD_VS = 1.2 V and VDD_VS =1.0 V.
During PCIe startup (VCORE_CFG = 1001), only low swing signaling with no de-emphasis is supported,
regardless of the VDD_VS voltage. After startup, configure the PCIe interface as desired.
9.3.5
Two-Wire Serial Interface
The two-wire serial interface is capable of suppressing small amplitude glitches less than 5 ns in
duration, which is less than the 50 ns duration often quoted for similar interfaces. Because the two-wire
serial implementation uses Schmitt-triggered inputs, the VSC7440 device has a greater tolerance to low
amplitude noise. For glitch-free operation, select the proper pull-up resistor value to ensure that the
transition time through the input switching region is less than 5 ns given the line’s total capacitive load.
For capacitive loads up to 40 pF, a pull-up resistor of 510
Ω or less ensures glitch-free operation for noise
levels up to 700 mV peak-to-peak.
9.3.6
DDR3 SDRAM Interface
The DDR3 SDRAM interface is designed to interface with 8-bit or 16-bit DDR SDRAM devices. The
maximum amount of physical memory that can be addressed is one gigabyte. Possible combinations of
memory modules are:
•
One 8-bit device, connect to CS0 byte lane 0.
•
Two 8-bit devices, connect to CS0 and both byte lanes.
•
Four 8-bit devices, connect to both chip-selects and both byte lanes.
•
One 16-bit device, connect to CS0 and both byte lanes.
•
Two 16-bit devices, connect to both chip-selects and both byte lanes.
When using a single 8-bit device, the memory controller must be configured for 8-bit mode. All other
configurations use 16-bit mode.
All signals on this interface must be connected one-to-one with the corresponding signals on the DDR
SDRAM device. When using only one 8-bit device, the DDR_UDQS, DDR_UDQSn, DDR_UDM, and
DDR_DQ[15:8] signals must be left unconnected. When using DDR2 SDRAM devices that has only four
banks, the DDR_BA[2] signal must be left unconnected.
When using four 8-bit devices or two 16-bit devices, the CS1 memory modules must be placed in-
between the VSC7440 device and the CS0 memory modules so that the DDR-DQS, DDR-DM, and
DDR_DQ signals pass the CS1 devices first before reaching the CS0 devices.
The placement of the VSC7440 interface signals is optimized for point-to-point routing directly to a single
DDR3 16-bit SDRAM.
Figure 155 •
16-Bit DDR3 SDRAM Point-to-Point Routing
Because reflections are absorbed by the devices, keep the physical distance of all the SDRAM interface
signals as low as possible. Omit external discrete termination on the address, command, control and
clock lines.
DRAM
Device
Switch
Address
Clock
Address
Data Lane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com