Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 441 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 441 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 436Page - Microsemi Corporation VSC7440 Datasheet HTML 437Page - Microsemi Corporation VSC7440 Datasheet HTML 438Page - Microsemi Corporation VSC7440 Datasheet HTML 439Page - Microsemi Corporation VSC7440 Datasheet HTML 440Page - Microsemi Corporation VSC7440 Datasheet HTML 441Page - Microsemi Corporation VSC7440 Datasheet HTML 442Page - Microsemi Corporation VSC7440 Datasheet HTML 443Page - Microsemi Corporation VSC7440 Datasheet HTML 444Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 441 / 444 page
background image
Design Guidelines
VMDS-10492 VSC7440 Datasheet Revision 4.2
424
When routing the DDR interface, attention must be paid to the skew, primary concern is skew within the
byte lane between the differential strobe and the single-ended signals. Skew recommendations for the
DDR interface are listed in the following table.
Power supply recommendations:
•
Use a shared voltage reference between the VSC7440’s device’s DDR_Vref supply and the DDR
device’s reference voltage.
•
Generate the DDR_Vref from the VDD_IODDR supply using a resistor divider with value of 1 kΩ and
an accuracy of 1% or better.
•
Use a decoupling capacitance of at least 0.1 µF on the supply in a manner similar to VDD_IODDR and
VSS to ensure tracking of supply variations; however, the time constant of the resistor divider and
decoupling capacitance should not exceed the nRESET assertion time after power on.
•VDD_IODDR pins must not share vias. Use at least one via for each VDD_IODDR pin. The extra
inductance from sharing vias may cause bit errors in the DDR interface.
Routing recommendations:
•
DDR_CK/DDR_CKn must be routed as a differential pair with a 100
Ω differential characteristic
impedance.
•
DDR_xDQS/DDR_xDQSn must be routed as a differential pair with a 100
Ω differential
characteristic impedance.
•
To minimize crosstalk, the characteristic impedance of the single-ended signals should be
determined predominantly by the distance to the reference plane and not the distance to the
neighboring traces.
•
The crosstalk should be below –20 dB.
•
If the DDR interface is not used, connect VDD_IODDR and DDR_VREF to ground. Leave all other DDR
signals unconnected (floating). VDD_IODDR can also be left floating; however, DDR_VREF must also
be left floating.
9.3.7
Thermal Diode External Connection
The internal on-die thermal diode can be used with an external temperature monitor to easily and
accurately measure the junction temperature of this device.
The thermal diode is extremely sensitive to noise. To minimize the temperature measurement errors,
follow these guidelines:
•
Route the THERMDC and THERMDA signals as a differential pair with a differential impedance less
than 100
Ω.
Table 339 •
Recommended Skew Budget
Description
Signal
Maximum Skew
Skew within byte lane 0
DDR_LDQS/DDR_LDQSn
50 ps
Skew within byte lane 1
DDR_UDQS/DDR_UDQSn
50 ps
Skew within address, command, and control
bus
DDR_CK/DDR_CKn
DDR_nRAS
DDR_CKE
DDR_ODT[1:0]
DDR_nCAS
DDR_nWE
DDR_BA[2:0]
DDR_A[15:0]
100 ps
Skew between control bus clock and byte lane
0 clock
DDR_CK/DDR_CKn
DDR_LDQS/DDR_LDQSn
1250 ps
Skew between control bus clock and byte lane
1 clock
DDR_CK/DDR_CKn
DDR_UDQS/DDR_UDQSn
1250 ps
Control bus differential clock intra-pair skew
DDR_CK/DDR_CKn
5 ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com