Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 423 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 423 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 419Page - Microsemi Corporation VSC7440 Datasheet HTML 420Page - Microsemi Corporation VSC7440 Datasheet HTML 421Page - Microsemi Corporation VSC7440 Datasheet HTML 422Page - Microsemi Corporation VSC7440 Datasheet HTML 423Page - Microsemi Corporation VSC7440 Datasheet HTML 424Page - Microsemi Corporation VSC7440 Datasheet HTML 425Page - Microsemi Corporation VSC7440 Datasheet HTML 426Page - Microsemi Corporation VSC7440 Datasheet HTML 427Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 444 page
background image
Pin Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
406
7.2.5
Miscellaneous
The following table lists the pins associated with a particular interface or facility on the device.
7.2.6
PCI Express Interface
The following table lists the pins associated with PCI Express (PCIe).
7.2.7
Power Supplies and Ground
The following table lists the power supply and ground pins.
Table 329 •
Miscellaneous Pins
Name
I/O
Type
Level
Description
nRESET
I
3V
CMOS
Global device reset, active low.
REF_FILT
ABIAS
Analog
Copper media reference filter pin. Connect a 1.0 µF external
capacitor between pin and ground.
REF_Rext
ABIAS
Analog
Copper media reference external pin. Connect a 2.0 k
Ω (1%)
resistor between pin and ground.
RESERVED_0
RESERVED_1
Analog
Analog
Leave floating or connect to test point.
RESERVED_2
O
SSTL
Leave floating.
RESERVED_3
RESERVED_4
Analog
Analog
Tie to VSS.
SERDES_Rext_[1:0]
Analog
Analog
Analog bias calibration.
Connect an external 620
Ω ±1% resistor between
SERDES_Rext_1 and SERDES_Rext_0.
THERMDA
Analog
Analog
Thermal diode anode (p-junction).
THERMDC
Analog
Analog
Thermal diode cathode (n-junction). Connected on-die to VSS.
Table 330 •
PCI Express Interface Pins
Name
I/O
Type
Level
Description
PCIE_RXN
PCIE_RXP
I
DIFF, TD
CML
Differential PCIe data inputs.
PCIE_TXN
PCIE_TXP
O
DIFF
CML
Differential PCIe data outputs.
Table 331 •
Power Supply and Ground Pins
Name
Type
Description
VDD_[32:1]
Power
1.0 V power supply voltage for core
VDD_A_[9:1]
Power
1.0 V power supply voltage for analog circuits
VDD_AH_[4:1]
Power
2.5 V power supply for copper PHY interface
VDD_AL_[4:1]
Power
1.0 V power supply for copper PHY analog circuits
VDD_HS_[5:1]
Power
1.0 V or 1.2 V power supply for SERDES10G
VDD_IO_[8:1]
Power
2.5 V power supply for GPIO and miscellaneous I/Os
VDD_IODDR_[5:1]
Power
1.35 V or 1.5 V power supply for DDR3/DDR3L interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com