Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 420 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 420 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 416Page - Microsemi Corporation VSC7440 Datasheet HTML 417Page - Microsemi Corporation VSC7440 Datasheet HTML 418Page - Microsemi Corporation VSC7440 Datasheet HTML 419Page - Microsemi Corporation VSC7440 Datasheet HTML 420Page - Microsemi Corporation VSC7440 Datasheet HTML 421Page - Microsemi Corporation VSC7440 Datasheet HTML 422Page - Microsemi Corporation VSC7440 Datasheet HTML 423Page - Microsemi Corporation VSC7440 Datasheet HTML 424Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 444 page
background image
Pin Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
403
Figure 151 •
Pin Diagram, Top Right
7.2
Pins by Function
This section contains the functional pin descriptions for the VSC7440 device.
The following table lists the definitions for the pin type symbols.
Table 324 •
Pin Type Symbol Definitions
Symbol
Pin Type
Description
A
Analog input
Analog input for sensing variable voltage levels
ABIAS
Analog bias
Analog bias pin
DIFF
Differential
Differential signal pair
I
Input
Input signal
O
Output
Output signal
I/O
Bidirectional
Bidirectional input or output signal
OZ
3-state output
Output
LVDS
Input or output
Low voltage differential signal
LVCMOS
Input or output
Low voltage CMOS signal
3V
3.3 V-tolerant
ST
Schmitt-trigger
Input has Schmitt-trigger circuitry
10
11
12
13
14
15
16
17
18
P1_D0N
P1_D1N
P1_D2N
P1_D3N
P0_D0N
P0_D1N
P0_D2N
P0_D3N
VSS_66
A
P1_D0P
P1_D1P
P1_D2P
P1_D3P
P0_D0P
P0_D1P
P0_D2P
P0_D3P
RESERVED_0
B
VDD_AL_1
VDD_AL_2
VDD_AL_3
VDD_AL_4
VDD_AH_1
VDD_AH_2
VDD_AH_3
VDD_AH_4 RESERVED_1 C
SERDES_Rext_1 SERDES_Rext_0
REF_Rext
REF_FILT
THERMDC
THERMDA
DDR_DQ13 DDR_DQ10
DDR_DQ8
D
VDD_3
VDD_4
VDD_5
VDD_6
VDD_7
DDR_DQ15
DDR_UDM DDR_UDQSn DDR_UDQS
E
VSS_4
VSS_5
VSS_6
VDD_8
VDD_9
DDR_DQ14
DDR_DQ9
DDR_DQ11 DDR_DQ12
F
VSS_11
VSS_12
VSS_13
VDD_10
VDD_IODDR_1
DDR_nCS1 RESERVED_2 DDR_nWE
DDR_CKE
G
VSS_20
VSS_21
VSS_22
VDD_12
VDD_IODDR_2
DDR_BA2
DDR_BA0
DDR_BA1
DDR_A10
H
VSS_28
VSS_29
VSS_30
VDD_14
VDD_IODDR_3
DDR_A1
DDR_A3
DDR_A5
DDR_A7
J
VSS_37
VSS_38
VSS_39
VDD_16
VDD_IODDR_4
DDR_A9
DDR_A12
DDR_CK
DDR_CKn
K
VSS_45
VSS_46
VSS_47
VDD_18
VDD_IODDR_5
DDR_A11
DDR_A4
DDR_A6
DDR_A8
L
VSS_54
VSS_55
VSS_56
VDD_20
VDD_21
DDR_A13
DDR_nCS0
DDR_nCAS
DDR_A0
M
VDD_27
VDD_28
VDD_29
VDD_30
VDD_31
DDR_A2
DDR_A15
DDR_A14
DDR_nRAS
N
VDD_IO_5
VDD_IO_6
VDD_IO_7
VDD_IO_8
VDD_32
DDR_ODT
DDR_DQ7
DDR_DQ0
DDR_DQ2
P
GPIO_12
GPIO_16
GPIO_20
GPIO_24
GPIO_28
DDR_DQ5
DDR_DQ6
DDR_LDQS DDR_LDQSn R
GPIO_13
GPIO_17
GPIO_21
GPIO_25
GPIO_29
GPIO_32
DDR_LDM
DDR_DQ4
DDR_DQ1
T
GPIO_14
GPIO_18
GPIO_22
GPIO_26
GPIO_30
GPIO_33
GPIO_35
DDR_Rext
DDR_DQ3
U
GPIO_15
GPIO_19
GPIO_23
GPIO_27
GPIO_31
GPIO_34
GPIO_36
DDR_Vref
VSS_68
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com