Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 416 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 416 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 412Page - Microsemi Corporation VSC7440 Datasheet HTML 413Page - Microsemi Corporation VSC7440 Datasheet HTML 414Page - Microsemi Corporation VSC7440 Datasheet HTML 415Page - Microsemi Corporation VSC7440 Datasheet HTML 416Page - Microsemi Corporation VSC7440 Datasheet HTML 417Page - Microsemi Corporation VSC7440 Datasheet HTML 418Page - Microsemi Corporation VSC7440 Datasheet HTML 419Page - Microsemi Corporation VSC7440 Datasheet HTML 420Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
399
6.2.16
IEEE 1588 Time Tick Outputs
This section provides the AC specifications for the IEEE 1588 time tick output signals PTP_[3:0]. The
PTP signals are GPIO alternate functions. For more information, see GPIO Overlaid Functions,
page 352.
6.3
Current and Power Consumption
This section provides the current and power consumption requirements for the VSC7440 device.
6.3.1
Current Consumption
The following tables show the operating current for the device. Typical current consumption values are
over a full traffic load, nominal process and supply voltages, and at 25 °C case temperature. Maximum
current consumption values are over full traffic load and worst-case process, temperature, and supply
settings.
The following table shows current consumption values for the device.
Table 318 •
IEEE1588 Time Tick Output AC Specifications
Parameter
Symbol Minimum
Maximum
Unit Condition
PTP[3:0] frequency1
1.
Frequency is programmable.
ƒ25
MHz
Clock duty cycle2
2.
Both high and low clock periods are configured to the identical value using DEVCPU_PTP::PIN_WF_HIGH_PERIOD and
DEVCPU_PTP::PIN_WF_LOW_PERIOD.
45
55
%
Measured at 50% threshold.
PTP[3:0] rise time and fall time
tR, tF
1
ns
20% to 80% threshold.
PTP[3:0] peak-to-peak jitter, bandwidth
between 12 kHz and 10 MHz3
3.
Timing corrections performed by register writes and high/low periods that do not match a fixed number of 156.25 MHz clock cycles
will create jitter up to 3.5 ns.
200
ps
PTP[3:0] peak-to-peak jitter, bandwidth
between 10 MHz and 80 MHz3
200
ps
Table 319 •
Operating Current
Parameter
Symbol
Typical
Maximum
(TJ_MAX = 110 °C)
Maximum
(TJ_MAX = 125 °C) Unit
VDD operating current, 1.0 V
IDD
1.4
2.5
3.3
A
VDD_A operating current, 1.0 V
IDD_A
1.3
1.6
1.6
A
VDD_HS operating current, 1.0 V or 1.2 V
IDD_HS
0.24
0.25
0.25
A
VDD_VS operating current, 1.0 V or 1.2 V
IDD_VS
0.15
0.15
0.15
A
VDD_AL operating current, 1.0 V
IDD_AL
0.04
0.06
0.06
A
VDD_AH operating current, 2.5 V
IDD_AH
0.25
0.25
0.25
A
VDD_IODDR operating current1, 1.35 V or 1.5 V
1.
DDR3 on-die termination is disabled.
IDD_IODDR 0.08
0.18
0.18
A
VDD_IO operating current2, 2.5 V
2.
Unloaded pins.
IDD_IO
0.05
0.065
0.065
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com