Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 418 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 418 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 414Page - Microsemi Corporation VSC7440 Datasheet HTML 415Page - Microsemi Corporation VSC7440 Datasheet HTML 416Page - Microsemi Corporation VSC7440 Datasheet HTML 417Page - Microsemi Corporation VSC7440 Datasheet HTML 418Page - Microsemi Corporation VSC7440 Datasheet HTML 419Page - Microsemi Corporation VSC7440 Datasheet HTML 420Page - Microsemi Corporation VSC7440 Datasheet HTML 421Page - Microsemi Corporation VSC7440 Datasheet HTML 422Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
401
6.5
Stress Ratings
Warning Stresses listed in the following table may be applied to devices one at a time without causing
permanent damage. Functionality at or exceeding the values listed is not implied. Exposure to these
values for extended periods may affect device reliability.
Warning This device can be damaged by electrostatic discharge (ESD) voltage. Microsemi
recommends that all integrated circuits be handled with appropriate precautions. Failure to observe
proper handling and installation procedures may adversely affect reliability of the device.
Power supply voltage for DDR3 interface
VDD_IODDR
1.425
1.5
1.575
V
Power supply voltage for DDR3L interface
VDD_IODDR
1.28
1.35
1.45
V
Power supply voltage for GPIO and miscellaneous I/O
VDD_IO
2.375
2.5
2.625
V
Operating temperature3
T
–40
125
°C
1.
VDD_HS should be powered with the 1.2 V supply to meet 1000BASE-KX, 1000BASE-KR, 10G SFI, and DAC specifications.
2.
VDD_VS should be powered with the 1.2 V supply to meet 1000BASE-KX, XAUI, 10GBASE-CX4, 10GBASE-KX4, and PCIe
specifications
3.
Minimum specification is ambient temperature, and the maximum is junction temperature.
Table 323 •
Stress Ratings
Parameter
Symbol
Minimum
Maximum Unit
Power supply voltage for core supply
VDD
–0.3
1.10
V
Power supply voltage for analog circuits
VDD_A
–0.3
1.10
V
Power supply voltage for 10G interface
VDD_HS
–0.3
1.32
V
Power supply voltage for 1G and 6G interfaces
VDD_VS
–0.3
1.32
V
Power supply voltage for copper PHY analog circuits
VDD_AL
–0.3
1.10
V
Power supply voltage for copper PHY interface
VDD_AH
–0.3
2.75
V
Power supply voltage for DDR I/O buffers
VDD_IODDR
–0.3
1.98
V
Power supply voltage for GPIO and miscellaneous I/O
VDD_IO
–0.3
2.75
V
Storage temperature
TS
–55
125
°C
Electrostatic discharge voltage, charged device model
VESD_CDM
–500
500
V
Electrostatic discharge voltage, human body model,
CLKOUTPLL2_N and CLKOUTPLL2_P pins
VESD_HBM
–1750
1750
V
Electrostatic discharge voltage, human body model, all pins
except the CLKOUTPLL2_N and CLKOUTPLL2_P pins
VESD_HBM
See note1
1.
This device has completed all required testing as specified in the JEDEC standard JESD22-A114, Electrostatic Discharge
(ESD) Sensitivity Testing Human Body Model (HBM)
, and complies with a Class 2 rating. The definition of Class 2 is any
part that passes an ESD pulse of 2000 V, but fails an ESD pulse of 4000 V.
V
Table 322 •
Recommended Operating Conditions (continued)
Parameter
Symbol
Minimum Typical
Maximum Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com