Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 414 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 414 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 410Page - Microsemi Corporation VSC7440 Datasheet HTML 411Page - Microsemi Corporation VSC7440 Datasheet HTML 412Page - Microsemi Corporation VSC7440 Datasheet HTML 413Page - Microsemi Corporation VSC7440 Datasheet HTML 414Page - Microsemi Corporation VSC7440 Datasheet HTML 415Page - Microsemi Corporation VSC7440 Datasheet HTML 416Page - Microsemi Corporation VSC7440 Datasheet HTML 417Page - Microsemi Corporation VSC7440 Datasheet HTML 418Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
397
Figure 147 •
Test Circuit for Recovered Clock Output Signals
The following table lists the AC specifications for the recovered clock outputs.
6.2.15
Two-Wire Serial Interface
This section provides the AC specifications for the two-wire serial interface signals TWI_SCL and
TWI_SDA. The two-wire serial interface signals are GPIO alternate functions. For more information
about the GPIO pin mapping, see GPIO Overlaid Functions, page 352.
The two-wire serial interface signals are compatible with the Philips I2C-BUS specifications, except for
the minimum rise time and fall time requirements for fast mode.
Figure 148 •
Two-Wire Serial Read Timing Diagram
Table 316 •
Recovered Clock Output AC Specifications
Parameter
Symbol Minimum
Maximum
Unit Condition
RCVRD_CLK[3:0] clock frequency
ƒ
161.33
MHz
Clock duty cycle
tC
40
60
%
Measured at 50% threshold.
RCVRD_CLK[3:0] rise time and fall time
tR, tF
1.5
ns
Squelching delay from SGMII signal to
RCVRD_CLK[3:0]
200
ns
Squelch enabled.
RCVRD_CLK[3:0] peak-to-peak jitter,
bandwidth between 12 kHz and 10 MHz1,
60 second gate time
1.
Maximum jitter on the recovered signal.
200
ps
Jitter-free input to SerDes Rx.
RCVRD_CLK[3:0] peak-to-peak jitter,
bandwidth between 10 MHz and
80 MHz1, 60 second gate time
200
ps
Jitter-free input to SerDes Rx.
Device Under Test
Signal Measurement Point
50
Ω
33
Ω
8 pF
tHIGH
tLOW
tSU_DAT
tHD_STA
tSU_STO
tBUF
tHD_DAT
tSU_STA
tHD_STA
TWI_SDA
TWI_SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com