Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 411 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 411 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 407Page - Microsemi Corporation VSC7440 Datasheet HTML 408Page - Microsemi Corporation VSC7440 Datasheet HTML 409Page - Microsemi Corporation VSC7440 Datasheet HTML 410Page - Microsemi Corporation VSC7440 Datasheet HTML 411Page - Microsemi Corporation VSC7440 Datasheet HTML 412Page - Microsemi Corporation VSC7440 Datasheet HTML 413Page - Microsemi Corporation VSC7440 Datasheet HTML 414Page - Microsemi Corporation VSC7440 Datasheet HTML 415Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
394
The following table lists the AC characteristics for the DDR3 and DDR3L SDRAM output signals.
The following illustration shows the test load circuit for the DDR3 outputs.
Figure 143 •
Test Load Circuit for DDR3 Outputs
6.2.12
JTAG Interface
All AC specifications for the JTAG interface meet or exceed the requirements of IEEE 1149.1-2001.
The following illustration shows the JTAG transmit and receive waveforms and required measurement
points for the different signals.
Table 313 •
DDR3/DDR3L SDRAM Output Signal AC Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
DDR_CK cycle time 312.5 MHz
(DDR800)1
1.
Timing reference is DDR_CK/DDR_CKn crossing ±0.1 V.
tCLK
3.20
ns
DDR_CK/CKn duty cycle
48
52
%
DDR_A, DDR_BA, DDR_CKE,
DDR_nRAS, DDR_nCAS, and DDR_nWE
output setup time relative to DDR_CK/CKn
tAS
700
ps
DDR_A, DDR_BA, DDR_CKE,
DDR_nRAS, DDR_nCAS, and DDR_nWE
output hold time relative to DDR_CK/CKn
tAH
800
ps
DDR_CK/CKn to DDR_DQS skew
tCLKDQS
–400
400
ps
DDR_DQ[7:0]/DDR_LDM output setup
time relative to DDR_LDQS
tDS
400
ps
DDR_DQ[15:8]/DDR_UDM output setup
time relative to DDR_UDQS
tDS
400
ps
DDR_DQ[7:0]/DDR_LDM output hold time
relative to DDR_LDQS
tDH
500
ps
DDR_DQ[15:8]/DDR_UDM output hold
time relative to DDR_UDQS
tDH
500
ps
DDR_DQS preamble start
tDQSPRE
0.4 × tCLK
0.6 × tCLK
ps
DDR_DQS postamble end
tDQSPST
0.4 × tCLK
0.6 × tCLK
ps
Outputs
0.5 × VDD_IODDR
150
Ω
ZO = 60 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com