Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 401 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 401 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 397Page - Microsemi Corporation VSC7440 Datasheet HTML 398Page - Microsemi Corporation VSC7440 Datasheet HTML 399Page - Microsemi Corporation VSC7440 Datasheet HTML 400Page - Microsemi Corporation VSC7440 Datasheet HTML 401Page - Microsemi Corporation VSC7440 Datasheet HTML 402Page - Microsemi Corporation VSC7440 Datasheet HTML 403Page - Microsemi Corporation VSC7440 Datasheet HTML 404Page - Microsemi Corporation VSC7440 Datasheet HTML 405Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
384
The specifications in the following table correspond to 10G transmitter output, SFI point B, and an
SFF-8431 compliant SFI channel with no more than 3 dB channel loss.
Total jitter
tolerance1
TJT
0.749
UI
Measured according to
IEEE 802.3 Clause 38.5.
Deterministic
jitter1
DJ
0.462
UI
Measured according to
IEEE 802.3 Clause 38.5.
Jitter tolerance,
duty cycle
distortion
DCD
1.4
nsP-P 100BASE-FX.
Measured according to
ISO/IEC 9314-3:1990.
Jitter tolerance,
data-dependent
jitter
DDJ
2.2
nsP-P 100BASE-FX.
Measured according to
ISO/IEC 9314-3:1990.
Jitter tolerance,
random jitter
RJ
2.27
nsP-P 100BASE-FX.
Measured according to
ISO/IEC 9314-3:1990.
Wideband SyncE
jitter tolerance
WJT
312.5
UIP-P 10 Hz to 12.1 Hz.
Measured according to ITU-T
G.8262, section 9.2.
Wideband SyncE
jitter tolerance
WJT
3750/ƒ
UIP-P 12.1 Hz to 2.5 kHz.
Measured according to ITU-T
G.8262, section 9.2.
Wideband SyncE
jitter tolerance
WJT
1.5
UIP-P 2.5 kHz to 50 kHz.
Measured according to ITU-T
G.8262, section 9.2.
Eye mask
X1
0.35
UIP-P
Eye mask
Y1
125
mV
Eye mask
Y2
600
mV
1.
Jitter requirements represent high-frequency jitter (above 637 kHz) and not low-frequency jitter or wander.
Table 299 •
10G Transmitter Output (SFI Point B, Host)
Parameter
Symbol Minimum
Maximum
Unit
Condition
Termination mismatch
ΔZM
5
%
AC common-mode voltage
VOCM_AC
15
mVRMS
Total jitter
TJ
0.281
UI
Measured at point B, as specified
in SFF-8431 revision 4.1
Data-dependant jitter
DDJ
0.11
UI
Measured at point B, as specified
in SFF-8431 revision 4.1.
Pulse shrinkage jitter
DDPWS
0.0551
UIRMS Measured at point B, as specified
in SFF-8431 revision 4.1.
3 dB channel loss.
Uncorrelated jitter
UJ
0.0231
UIRMS Measured at point B, as specified
in SFF-8431 revision 4.1.
Wideband SyncE jitter
TWJ
0.5
UIP-P
Measured according to ITU-T
G.8262 section 8.3.
Table 298 •
100BASE-FX, SGMII, SFP, 2.5G, 1000BASE-KX Receiver (continued)
Parameter
Symbol Minimum
Typical
Maximum
Unit
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com