Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 399 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 399 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 395Page - Microsemi Corporation VSC7440 Datasheet HTML 396Page - Microsemi Corporation VSC7440 Datasheet HTML 397Page - Microsemi Corporation VSC7440 Datasheet HTML 398Page - Microsemi Corporation VSC7440 Datasheet HTML 399Page - Microsemi Corporation VSC7440 Datasheet HTML 400Page - Microsemi Corporation VSC7440 Datasheet HTML 401Page - Microsemi Corporation VSC7440 Datasheet HTML 402Page - Microsemi Corporation VSC7440 Datasheet HTML 403Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
382
The following table lists the AC characteristics for the 6G transmitter operating in PCIe mode. Applies to
the PCIE_TXN/P pins.
The following table lists the AC characteristics for the 6G receiver operating in PCIe mode. Applies to the
PCIE_RXN/P pins.
Wideband SyncE jitter
tolerance
WJT
312.5
UIP-P
10 Hz to 12.1 Hz.
Measured according to ITU-T
G.8262, section 9.2.
Wideband SyncE jitter
tolerance
WJT
3750/ƒ
UIP-P
12.1 Hz to 2.5 kHz (ƒ).
Measured according to ITU-T
G.8262, section 9.2.
Wideband SyncE jitter
tolerance
WJT
1.5
UIP-P
2.5 kHz to 50 kHz.
Measured according to ITU-T
G.8262, section 9.2.
1.
Jitter requirements represent high-frequency jitter (above 637 kHz) and not low-frequency jitter or wander.
Table 295 •
PCIe Transmitter
Parameter
Symbol
Minimum
Typical Maximum
Unit
Condition
Data rate
2.5 – 300 ppm
2.5 + 300 ppm Gbps
Differential output return
loss
RLOSDD22
–10
dB
50 MHz to 1.25 GHz
Common-mode return
loss
RLOSCC22
–6
dB
50 MHz to 1.25 GHz
De-emphasized
differential output
voltage (ratio)
Tode
–3
–3.5
–4
dB
Rise time and fall time1
1.
Slew rate is programmable. Configure accordingly for compliance to supported standard.
tR, tF
60
ps
20% to 80%.
Recommended value.
Total jitter
TJ
0.25
UIP-P
Differential amplitude
VTX_DIFF_PP
8002
2.
Compatibility to supported standard requires VDD_VS = 1.2 V supply for driver.
1200
mVP-P
Table 296 •
PCIe Receiver
Parameter
Symbol
Minimum
Maximum
Unit
Condition
Data rate
2.5 – 300 ppm
2.5 + 300 ppm
Gbps
Differential input return loss
RLISDD11
–10
dB
50 MHz to 1.25 GHz.
Common-mode return loss
RLISCC11
–6
dB
80 MHz to 1.25 GHz.
Total jitter tolerance
TJ
0.60
UIP-P
Eye mask
R_X1
0.30
UI
Eye mask
R_X2
0.70
UI
Eye mask
R_Y1
85
mV
Eye mask
R_Y2
600
mV
Table 294 •
100BASE-FX, SGMII, SFP, 2.5G, 1000BASE-KX Receiver (continued)
Parameter
Symbol
Minimum
Maximum
Unit
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com