Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 396 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 396 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 392Page - Microsemi Corporation VSC7440 Datasheet HTML 393Page - Microsemi Corporation VSC7440 Datasheet HTML 394Page - Microsemi Corporation VSC7440 Datasheet HTML 395Page - Microsemi Corporation VSC7440 Datasheet HTML 396Page - Microsemi Corporation VSC7440 Datasheet HTML 397Page - Microsemi Corporation VSC7440 Datasheet HTML 398Page - Microsemi Corporation VSC7440 Datasheet HTML 399Page - Microsemi Corporation VSC7440 Datasheet HTML 400Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
379
6.2.2
PLL Clock Outputs
The following table lists the AC specifications for the PLL outputs. Applies to the CLKOUTPLL and
CLKOUTPLL2 pins.
6.2.3
SERDES1G
This section describes the AC specifications for the SERDES1G transceiver. The transceiver supports
100BASE-FX, SFP, 1000BASE-KX, and SGMII modes.
The following table lists the AC characteristics for the 1G transmitter. Applies to S[4:0]_TXN/P pins.
The following table lists AC characteristics for the 1G receiver. Applies to the S[4:0]_RXN/P pins.
Table 290 •
PLL Clock Outputs
Parameter
Symbol
Minimum
Maximum
Unit
Condition
Output frequency
625
MHz
Clock duty cycle
tC
45
55
%
Measured at 50% threshold
Rise time and fall time
tR, tF
100
300
ps
20% to 80% of VS
Intrapair skew
tSKEW
100
ps
Jitter generation, 10 kHz to
50 MHz
4psRMS Jitter-free input used for
REFCLK/REFCLK2
Table 291 •
100BASE-FX, SGMII, SFP, 1000BASE-KX Transmitter
Parameter
Symbol
Minimum
Maximum
Unit
Condition
Data rate
125 – 100 ppm
125 + 100 ppm
Mbps
100BASE-FX.
Data rate
1.25 – 100 ppm
1.25 + 100 ppm
Gbps
SGMII, SFP, 1000BASE-KX.
Differential output return
loss
RLOSDD22
–10
dB
50 MHz to 625 MHz.
Differential output return
loss
RLOSDD22
–10 + 10 x log
(ƒ/625 MHz)
dB
625 MHz to 1250 MHz.
Rise time and fall time1
1.
Slew rate is programmable.
tR, tF
60
300
ps
20% to 80%.
Interpair skew
tSKEW
20
ps
Deterministic jitter
DJ
80
ps
Measured according to
IEEE 802.3 Clause 38.5.
Total jitter
TJ
192
ps
Measured according to
IEEE 802.3 Clause 38.5.
Wideband SyncE jitter
WJT
0.5
UIP-P
Measured according to ITU-T
G.8262, section 8.3.
Table 292 •
100BASE-FX, SGMII, SFP, 1000BASE-KX Receiver
Parameter
Symbol
Minimum
Maximum
Unit
Condition
Data rate
125 – 100 ppm
125 + 100 ppm
Mbps
100BASE-FX.
Data rate
1.25 – 100 ppm
1.25 + 100 ppm
Gbps
SGMII, SFP, 1000BASE-KX.
Differential input return loss RLISDD11
–10
dB
50 MHz to 625 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com