Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 395 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 395 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 391Page - Microsemi Corporation VSC7440 Datasheet HTML 392Page - Microsemi Corporation VSC7440 Datasheet HTML 393Page - Microsemi Corporation VSC7440 Datasheet HTML 394Page - Microsemi Corporation VSC7440 Datasheet HTML 395Page - Microsemi Corporation VSC7440 Datasheet HTML 396Page - Microsemi Corporation VSC7440 Datasheet HTML 397Page - Microsemi Corporation VSC7440 Datasheet HTML 398Page - Microsemi Corporation VSC7440 Datasheet HTML 399Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
378
The following illustration shows jitter transfer curves from REFCLK and REFCLK2 to all high-speed
outputs.
Figure 134 •
REFCLK/REFCLK2 Jitter Transfer Curves
REFCLK2 frequency
REFCLK2_CONF = 010
ƒ
–100 ppm 250
100 ppm
MHz
Clock duty cycle
40
60
%
Measured at 50%
threshold.
Rise time and fall time, differential mode tR, tF
0.5
ns
Within ±200 mV
relative to VDD × 2/3.
Jitter transfer from REFCLK to
SERDES10G, bandwidth from 12 kHz to
1MHz
0.3
dB
Jitter transfer from REFCLK to
SERDES10G, bandwidth from 1 MHz to
7MHz
2dB
Jitter transfer from REFCLK to
SERDES10G, bandwidth above 7 MHz
2 – 20 × log
(ƒ/7 MHz)
dB
REFCLK2 input RMS jitter, 12 kHz to
10 MHz
1psRMS
Table 289 •
REFCLK2 Reference Clock (continued)
Parameter
Symbol Minimum
Typical Maximum Unit
Condition
3 dB
0 dB
–3 dB
–6 dB
–9 dB
–12 dB
–15 dB
–18 dB
–21 dB
–24 dB
0.001 MHz
0.01 MHz
0.1 MHz
Frequency (MHz)
Gain vs. REFCLK/REFCLK2 Frequency
1 MHz
10 MHz
100 MHz
156.25 MHz
250 MHz
25 MHz
125 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com