Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 392 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 392 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 388Page - Microsemi Corporation VSC7440 Datasheet HTML 389Page - Microsemi Corporation VSC7440 Datasheet HTML 390Page - Microsemi Corporation VSC7440 Datasheet HTML 391Page - Microsemi Corporation VSC7440 Datasheet HTML 392Page - Microsemi Corporation VSC7440 Datasheet HTML 393Page - Microsemi Corporation VSC7440 Datasheet HTML 394Page - Microsemi Corporation VSC7440 Datasheet HTML 395Page - Microsemi Corporation VSC7440 Datasheet HTML 396Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
375
The following table lists the 10G receiver specifications. Applies to the S[10:7]_RXN/P pins. Note that
only S[10:9]_RXN/P pins support 10GBASE-KR and SFP+ (SFI).
6.1.7
GPIO, SI, JTAG, and Miscellaneous Signals
This section provides the DC specifications for the GPIO, SI, JTAG, and miscellaneous signals.
The following I/O signals comply with the specifications provided in this section:
The outputs and inputs meet or exceed the requirements of the LVTTL and LVCMOS standard, JEDEC
JESD8-B (September 1999) standard, unless otherwise stated. The inputs are Schmitt-trigger for noise
immunity.
Differential peak-to-peak output
voltage1
VO_DIFF
300
800
mVppd 100BASE-FX, SGMII
Differential peak-to-peak output
voltage1
VO_DIFF
500
1200
mVppd SFP2, 2.5G
Differential peak-to-peak output
voltage1
VO_DIFF
8002
1200
mVppd 10GBASE-KR3
Differential peak-to-peak output
voltage with Tx disabled
VOD_IDLE
30
mVppd
1.
Differential output swing is register configurable.
2.
The minimum drive level is the lowest guaranteed drive level achievable with the maximum amplitude configuration applied.
3.
Compatibility to supported standard requires VDD_HS = 1.2 V supply for output driver.
Table 284 •
10G Receiver
Parameter
Symbol Minimum
Typical Maximum
Unit
Condition
Differential resistance
RDIFF
80
100
120
Ω
Differential peak-to-peak
input voltage
VI_DIFF
100
1200
mVppd Clean eye sensitivity
AC-coupling1
1.
AC-coupling should be done at receiver.
100
nF
Table 285 •
I/O Signals
GPIO[36:0]
JTAG_nTRST
nRESET
SI_CLK
JTAG_TMS
SI_DI
JTAG_TDO
SI_DO
JTAG_TCK
SI_nCS0
JTAG_TDI
JTAG_ICE_nEN
Table 286 •
GPIO, SI, JTAG, and Miscellaneous Signals DC Specifications
Parameter
Symbol Minimum
Typical
Maximum
Unit
Condition
Output high voltage1
VOH
2.1
2.35
V
IOH = –2 mA
Output high voltage1
VOH
1.7
2.0
V
IOH = –12 mA
Table 283 •
10G Transmitter (continued)
Parameter
Symbol
Minimum
Typical Maximum Unit
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com