Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 384 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 384 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 380Page - Microsemi Corporation VSC7440 Datasheet HTML 381Page - Microsemi Corporation VSC7440 Datasheet HTML 382Page - Microsemi Corporation VSC7440 Datasheet HTML 383Page - Microsemi Corporation VSC7440 Datasheet HTML 384Page - Microsemi Corporation VSC7440 Datasheet HTML 385Page - Microsemi Corporation VSC7440 Datasheet HTML 386Page - Microsemi Corporation VSC7440 Datasheet HTML 387Page - Microsemi Corporation VSC7440 Datasheet HTML 388Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
367
The following table lists the available interrupt destinations in the device.
All interrupts, events, and indications inside in the interrupt controller are active high. If an interrupt
source supports polarity correction, it is applied before going into the interrupt controller. If an interrupt
destination supports polarity correction, it is applied after leaving the interrupt controller.
4.8.13.1 Interrupt Source Configuration
Interrupt sources are handled identically inside the interrupt controller. This section describes interrupt
source n, which refers to the bit index of that interrupt source in the INTR_* and DST_INTR_* registers.
The following illustration shows the logic associated with a single interrupt source.
Figure 130 •
Interrupt Source Logic
The current value of an interrupt source is available in INTR_RAW.INTR_RAW[n].
INTR_STICKY.INTR_STICKY[n] is set when the interrupt controller detects an interrupt. There are two
detection methods:
•
When INTR_TRIGGER.INTR_TRIGGER[n] is set to level-activated, the interrupt controller
continually sets INTR_STICKY.INTR_STICKY[n] for as long as the interrupt source is active.
•
When INTR_TRIGGER.INTR_TRIGGER[n] is set to edge-triggered, the interrupt controller only sets
INTR_STICKY.INTR_STICKY[n] when the interrupt source changes value.
•
When INTR_TRIGGER.INTR_TRIGGER[n] is set to falling-edge-triggered, the interrupt controller
only sets INTR_STICKY.INTR_STICKY[n] when the interrupt source changes from active to inactive
value.
•
When INTR_TRIGGER.INTR_TRIGGER[n] is set to rising-edge-triggered, the interrupt controller
only sets INTR_STICKY.INTR_STICKY[n] when the interrupt source changes from inactive to active
value.
Software can clear INTR_STICKY.INTR_STICKY[n] by writing 1 to bit n. However, the interrupt controller
will immediately set this bit again if the source input is still active (when INTR_TRIGGER is 0) or if it sees
a triggering event on the source input (when INTR_TRIGGER different from 0).
The interrupt source is enabled in INTR_ENA.INTR_ENA[n]. When INTR_STICKY.INTR_STICKY[n] is
set and the interrupt is enabled, the interrupt is indicated towards the interrupt destinations. For more
Table 273 •
Interrupt Destinations
Destination Name
Description
CPU0
Interrupt 0 to VCore-III CPU. This interrupt has replication index 0 in
DST_INTR_* registers.
CPU1
Interrupt 1 to VCore-III CPU. This interrupt has replication index 1 in
DST_INTR_* registers.
EXT_DST0
External interrupt destination 0. See External Interrupts. This interrupt has
replication index 2 in DST_INTR_* registers.
EXT_DST1
External interrupt destination 1. See External Interrupts. This interrupt has
replication index 3 in DST_INTR_* registers.
Filter Logic
00 Pass any.
01 Detect change.
10 Active to inactive.
11 Inactive to active.
INTR_TRIGGER.INTR_TRIGGER[n]
Interrupt Source n
Sticky
Hold interrupt
indication until
cleared by SW
INTR_STICKY.INTR_STICKY[n]
INTR_BYPASS.INTR_BYPASS[n]
INTR_ENA.INTR_ENA[n]
INTR_IDENT.INTR_IDENT[n]
To destination logic
AND
0
1
INTR_RAW.INTR_RAW[n]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com