Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 382 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 382 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 378Page - Microsemi Corporation VSC7440 Datasheet HTML 379Page - Microsemi Corporation VSC7440 Datasheet HTML 380Page - Microsemi Corporation VSC7440 Datasheet HTML 381Page - Microsemi Corporation VSC7440 Datasheet HTML 382Page - Microsemi Corporation VSC7440 Datasheet HTML 383Page - Microsemi Corporation VSC7440 Datasheet HTML 384Page - Microsemi Corporation VSC7440 Datasheet HTML 385Page - Microsemi Corporation VSC7440 Datasheet HTML 386Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
365
The following table lists the registers associated with the interrupt controller.
The interrupt controller maps interrupt sources from VCore-III and switch core blocks, port modules, and
external interrupt inputs to four interrupt destinations. Two interrupt destinations are mapped to the
VCore-III CPU, and two can be transmitted from the device using the overlaid functions on GPIOs or
using PCIe inband interrupt signaling.
The following table lists the available interrupt sources in the device.
Table 271 •
Interrupt Controller Registers
Register
Description
ICPU_CFG::INTR_RAW
Current value of interrupt inputs
ICPU_CFG::INTR_BYPASS
Forces non-sticky function
ICPU_CFG::INTR_TRIGGER
Configures edge or level sensitive events
ICPU_CFG::INTR_FORCE
Forces events (for software debug)
ICPU_CFG::INTR_STICKY
Currently logged events
ICPU_CFG::INTR_ENA
Enables interrupt sources
ICPU_CFG::INTR_ENA_CLR
Atomic clear of bits in INTR_ENA
ICPU_CFG::INTR_ENA_SET
Atomic set of bits in INTR_ENA
ICPU_CFG::INTR_IDENT
Currently enabled and interrupting sources
ICPU_CFG::DST_INTR_MAP
Mapping of interrupt sources to destinations
ICPU_CFG::DST_INTR_IDENT
Currently enabled, mapped, and interrupting sources per destination
ICPU_CFG::DEV_INTR_POL
Polarity of module interrupt inputs
ICPU_CFG::DEV_INTR_RAW
Current value of module interrupts
ICPU_CFG::DEV_INTR_BYPASS
Forces non-sticky function for module interrupts
ICPU_CFG::DEV_INTR_TRIGGER
Configures edge or level sensitive events for module interrupts
ICPU_CFG::DEV_INTR_STICKY
Currently logged module interrupt events
ICPU_CFG::DEV_INTR_ENA
Enables module interrupts
ICPU_CFG::DEV_INTR_IDENT
Currently interrupting and enabled module interrupts
ICPU_CFG::EXT_SRC_INTR_POL
Polarity of external interrupt inputs.
ICPU_CFG::EXT_DST_INTR_POL
Polarity of external interrupt outputs.
ICPU_CFG::EXT_DST_INTR_DRV
Drive mode for external interrupt outputs
Table 272 •
Interrupt Sources
Source Name
Description
DEV
Aggregated port module interrupt. This interrupt is asserted if there is an active and enabled interrupt
from any of the device’s port modules. See Port Module Interrupts.
This interrupt has bit index 0 in INTR_* and DST_INTR_* registers.
EXT_SRC0
External interrupt source 0. See External Interrupts.
This interrupt has bit index 1 in INTR_* and DST_INTR_* registers.
EXT_SRC1
External interrupt source 1. See External Interrupts.
This interrupt has bit index 2 in INTR_* and DST_INTR_* registers.
TIMER0
Timer 0 interrupt. See Timers.
This interrupt has bit index 3 in INTR_* and DST_INTR_* registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com