Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 378 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 378 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 374Page - Microsemi Corporation VSC7440 Datasheet HTML 375Page - Microsemi Corporation VSC7440 Datasheet HTML 376Page - Microsemi Corporation VSC7440 Datasheet HTML 377Page - Microsemi Corporation VSC7440 Datasheet HTML 378Page - Microsemi Corporation VSC7440 Datasheet HTML 379Page - Microsemi Corporation VSC7440 Datasheet HTML 380Page - Microsemi Corporation VSC7440 Datasheet HTML 381Page - Microsemi Corporation VSC7440 Datasheet HTML 382Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
361
The PWM output pin can be configured to act as a normal output or as an open-collector output, where
the output value of the pin is kept low, but the output enable is toggled. The open-collector output mode
is enabled by setting FAN_CFG.PWM_OPEN_COL_ENA.
Note: By using open-collector mode, it is possible to externally pull-up to a higher voltage than the maximum
GPIO I/O supply. The GPIO pins are 3.3V-tolerable.
The speed of the fan is measured using a 16-bit counter that counts the rising edges on the TACHO
input. A fan usually gives one to four pulses per revolution, depending on the fan type. The counter value
is available in the FAN_CNT register. Depending on the value of FAN_CFG.FAN_STAT_CFG, the
FAN_CNT register is updated in two different ways:
•
If FAN_CFG.FAN_STAT_CFG is set, the FAN_CNT register behaves as a 16-bit wrapping counter
that shows the total number of ticks on the TACHO input.
•
If FAN_CFG.FAN_STAT_CFG is cleared, the FAN_CNT register is updated one time per second
with the number of TACHO ticks received during the last second.
Optionally, the TACHO input is gated by the polarity-corrected PWM output by setting
FAN_CFG.GATE_ENA, so that only TACHO pulses received while the polarity corrected PWM output is
high are counted. Glitches on the TACHO input can occur right after the PWM output goes high. As a
result, the gate signal is delayed by 10 µs when PWM goes high. There is no delay when PWM goes low,
and the length of the delay is not configurable. Software must read the counter value in FAN_CNT and
calculate the RPM of the fan.
An example of how to calculate the RPM of the fan is if the fan controller is configured to 100 Hz and a
20% duty cycle, each PWM pulse is high in 2 ms and low in 8 ms. If gating is enabled, the gating of the
TACHO input is open in 1.99 ms and closed in 8.01 ms. If the fan is turning with 100 RPMs and gives two
TACHO pulses per revolution, it will ideally give 200 pulses per minute. TACHO pulses are only counted
in 19.99% of the time, so it will give 200 × 0.1999 = 39.98 pulses per minute. If the additional 10 µs
gating time is ignored, the counter value is multiplied by 2.5 to get the RPM value, because there is a
20% duty cycle with two TACHO pulses per revolution. By multiplying with 2.5, the RPM value is
calculated to 99.95, which is 0.05% off the correct value (due to the 10 µs gating time).
4.8.11
Temperature Sensor
This section provides information about the on-die temperature sensor. When enabled the temperature
sensor logic will continually monitor the temperature of the die and make this available for software.
The following table lists the registers associated with the temperature monitor.
The temperature sensor is enabled by setting TEMP_SENSOR_CTRL.SAMPLE_ENA. The temperature
sensor then samples the temperature every 500 µs and shows the current temperature in
TEMP_SENSOR_STAT. The formula for converting TEMP field value to centigrade temperature is:
Temp (°C) = 177.4 – 0.8777 × TEMP_SENSOR_STATE.TEMP
It takes approximately 500 µs after setting SAMPLE_ENA until the first temperature sample is ready. The
TEMP_SENSOR_STAT.TEMP_VALID field is set when the temperature value is available.
4.8.12
Memory Integrity Monitor
Soft errors happen in all integrated circuits as a result of natural alpha decay, cosmic radiation, or
electrical disturbances in the environment in which the device operates. The chance of soft errors
happening in a memory (RAM) is higher than for flip-flop based logic, because the memory structures are
physically small and changes require less outside force than in flip flops. The device has built-in
protection from soft errors by using error correcting code (ECC) on critical memories. In addition, the
device allows monitoring and reporting of soft error events.
Table 268 •
Temperature Sensor Registers
Register
Description
HSIO::TEMP_SENSOR_CTRL
Enabling of sensor
HSIO::TEMP_SENSOR_STAT
Temperature value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com