Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 379 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 379 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 375Page - Microsemi Corporation VSC7440 Datasheet HTML 376Page - Microsemi Corporation VSC7440 Datasheet HTML 377Page - Microsemi Corporation VSC7440 Datasheet HTML 378Page - Microsemi Corporation VSC7440 Datasheet HTML 379Page - Microsemi Corporation VSC7440 Datasheet HTML 380Page - Microsemi Corporation VSC7440 Datasheet HTML 381Page - Microsemi Corporation VSC7440 Datasheet HTML 382Page - Microsemi Corporation VSC7440 Datasheet HTML 383Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
362
The following table lists the registers associated with the memory integrity monitor.
The memory integrity monitor looks for memory soft-error indications. Correctable (single bit) and non-
correctable (multibit or parity) indications are detected during memory read and can be reported to
software by the ITGR software interrupt. For information about how to enable the this interrupt, see
Interrupt Controller, page 364.
The memory integrity monitor operates in three different states: IDLE, LISTEN, and DETECT. After a
reset, the monitor starts in the IDLE state.
IDLE The monitor is deactivated and in quiet mode. In IDLE mode, the memories still correct, detect,
and store indications locally, but they are not able to report indications to the monitor.
LISTEN In the LISTEN state, the monitor looks for indications in the memories.
MEMITGR_STAT.INDICATION is set (and interrupt is asserted) when indications are detected.
DETECT DETECT state is used when indications are read from the memories. It means that a valid
indication is available in MEMITGR_INFO and the corresponding memory index in MEMITGR_IDX.
The current state of the monitor is reported in MEMITGR_STAT.MODE_IDLE,
MEMITGR_STAT.MODE_DETECT, and MEMITGR_STAT.MODE_LISTEN. Software initiates transitions
between states by setting the one-shot MEMITGR_CTRL.ACTIVATE field. It may take some time to
transition from one state to the next. The MEMITGR_CTR.ACTIVATE field is not cleared before the next
state is reached (also the MEMITGR_STAT.MODE_BUSY field is set while transitioning between states).
Table 269 •
Integrity Monitor Registers
Register
Description
DEVCPU_GCB::MEMITGR_CTRL
Trigger monitor state changes.
DEVCPU_GCB::MEMITGR_STAT
Current state of the monitor and memory status.
DEVCPU_GCB::MEMITGR_INFO
Shows indication when in DETECT state.
DEVCPU_GCB::MEMITGR_IDX
Shows memory index when in DETECT state.
DEVCPU_GCB::MEMITGR_DIV
Monitor speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com