Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 377 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 377 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 373Page - Microsemi Corporation VSC7440 Datasheet HTML 374Page - Microsemi Corporation VSC7440 Datasheet HTML 375Page - Microsemi Corporation VSC7440 Datasheet HTML 376Page - Microsemi Corporation VSC7440 Datasheet HTML 377Page - Microsemi Corporation VSC7440 Datasheet HTML 378Page - Microsemi Corporation VSC7440 Datasheet HTML 379Page - Microsemi Corporation VSC7440 Datasheet HTML 380Page - Microsemi Corporation VSC7440 Datasheet HTML 381Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
360
edge-triggered, falling-edge-triggered, and rising-edge-triggered interrupt. This register is a sticky bit
vector and can only be cleared by software. A bit is cleared by writing a 1 to the bit position.
•
SIO_INTR_IDENT is the result of SIO_INTR with the disabled interrupts (from SIO_INTR_ENA and
SIO_GPIO_INTR_ENA) removed. This register changes when SIO_INTR or the enable registers
change.
The SIO controller has one interrupt output connected to the main interrupt controller, which is asserted
when one or more interrupts in SIO_INTR_IDENT are active. To determine which SGPIO is causing the
interrupt, the CPU must read this register. The interrupt output remains high until all interrupts in
SIO_INTR_IDENT are cleared (either by clearing SIO_INTR or disabling the interrupts in
SIO_INTR_ENA and SIO_GPIO_INTR_ENA).
4.8.9.3
Loss of Signal Detection
The SIO controller can propagate loss of signal detection inputs directly to the signal detection input of
the port modules. This is useful when, for example, SFP modules are connected to the device. The
mapping between SIO ports and port modules is the same as for the link activity outputs; port 0 is
connected to port module 0, port 1 is connected to port module 1, and so on.
The value of SGPIO bit 0 of each SIO port is forwarded directly to the loss of signal input on the
corresponding port module. The port module must enable the loss of signal input locally.
Loss of signal can also be taken directly from overlaid functions on the regular GPIOs. In that case, the
input from the SIO controller is ignored.
The polarity of the loss of signal input is configured using SIO_INT_POL, meaning the same polarity
must be used for loss of signal detect and interrupt.
4.8.10
Fan Controller
The device includes a fan controller that can be used to control and monitor a system fan. A pulse width
modulation (PWM) output regulates the fan speed. The fan speed is monitored using a TACHO input.
The fan controller is especially powerful when combined with the internal temperature sensor. For more
information, see Temperature Sensor, page 361.
The following table lists the registers associated with the fan controller.
The following table lists fan controller pins, which are overlaid on GPIOs. For more information about
overlaid functions on the GPIOs for these signals, see GPIO Overlaid Functions, page 352.
The PWM output can be configured to any of the following frequencies in FAN_CFG.PWM_FREQ:
10 Hz, 20 Hz, 40 Hz, 60 Hz, 80 Hz, 100 Hz, 120 Hz, or 25 kHz.
The low frequencies can be used for driving three-wire fans using a FET/transistor. The 25 kHz
frequency can be used for four-wire fans that use the PWM input internally to control the fan. The duty
cycle of the PWM output is programmable from 0% to 100%, with 8-bit accuracy. The polarity of the
output can be controlled by FAN_CFG.INV_POL, so a duty-cycle of 100%, for example, can be either
always low or always high.
Table 266 •
Fan Controller
Register
Description
DEVCPU_GCB::FAN_CFG
General configuration
DEVCPU_GCB::FAN_CNT
Fan revolutions counter
Table 267 •
Fan Controller Pins
Register
I/O
Description
TACHO/GPIO
I
TACHO input for counting revolutions
PWM/GPIO
O
PWM fan output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com