Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 374 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 374 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 370Page - Microsemi Corporation VSC7440 Datasheet HTML 371Page - Microsemi Corporation VSC7440 Datasheet HTML 372Page - Microsemi Corporation VSC7440 Datasheet HTML 373Page - Microsemi Corporation VSC7440 Datasheet HTML 374Page - Microsemi Corporation VSC7440 Datasheet HTML 375Page - Microsemi Corporation VSC7440 Datasheet HTML 376Page - Microsemi Corporation VSC7440 Datasheet HTML 377Page - Microsemi Corporation VSC7440 Datasheet HTML 378Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
357
Figure 125 •
SIO Timing with SGPIOs Disabled
The frequency of the SG0_CLK clock output is configured through SIO_CLOCK.SIO_CLK_FREQ. The
SG0_LD output is asserted after each burst; this output is asserted for a period of 25 ns to 30 ns. The
polarity of SG0_LD is configured in SIO_CFG.SIO_LD_POLARITY.
The SG0_LD output can be used to ensure that outputs are stable when serial data is being shifted
through the registers. This can be done by using the SG0_LD output to shift the output values into serial-
to-parallel registers after the burst is completed. If serial-to-parallel registers are not used, the outputs will
toggle while the burst is being shifted through the chain of shift registers. A universal serial-to-parallel
shift register outputs the data on a positive-edge load signal, and a universal parallel-to-serial shift
register shifts data when the load pin is high, so one common load signal can be used for both input and
output serial parallel conversion.
The assertion of SG0_LD happens after the burst to ensure that after power up, the single burst will
result in well-defined output registers. Consequently, to sample input values one time, two consecutive
bursts must be issued. The first burst results in the input values being sampled by the serial-to-parallel
registers, and the second burst shifts the input values into the SIO controller.
The port order required in the serial bitstream depends on the physical layout of the shift register chain.
Often the input and output port orders must be opposite in the serial streams. The port order of the input
and output bitstream is independently configurable in SIO_CFG.SIO_REVERSE_INPUT and
SIO_CFG.SIO_REVERSE_OUTPUT.
The following illustration shows the port order.
Figure 126 •
SGPIO Output Order
4.8.9.1
Output Modes
The output mode of each SGPIO can be individually configured in SIO_PORT_CFG.BIT_SOURCE. The
SIO controller features three output modes:
•
Static
•
Blink
•
Link activity
pN-2
b1
pN
b3
SG0_DO
SG0_CLK
SG0_LD
pN
b2
pN
b1
pN
b0
p0
b3
p0
b2
p0
b1
p0
b0
Burst
pN-1
b3
pN-1
b2
pN-1
b1
pN-1
b0
pN-2
b3
pN-2
b2
Disabled
Disabled
Disabled
Disabled
pN
b3
SG0_CLK
pN
b2
pN
b1
pN
b0
pN-1
b3
p0
b3
p0
b2
p0
b1
p0
b0
p0
b0
p0
b1
p0
b2
p1
b1
p0
b3
p1
b0
p2
b0
pN
b0
pN
b1
pN
b2
pN
b3
pN-2
b3
pN-1
b0
pN-1
b1
pN-1
b2
p1
b2
p1
b2
p1
b3
pN
b3
pN
b2
pN
b1
pN
b0
pN-1
b3
p0
b3
p0
b2
p0
b1
pN
b3
p0
b0
p0
b1
p0
b2
p1
b1
p0
b3
p1
b0
p2
b0
pN
b0
pN
b1
pN
b2
p0
b0
pN-2
b3
pN-1
b0
pN-1
b1
pN-1
b2
p1
b2
p1
b2
p1
b3
SG0_DO
SG0_DI
Reverse order
Default order
SG0_DO
SG0_DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com