Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 366 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 366 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 362Page - Microsemi Corporation VSC7440 Datasheet HTML 363Page - Microsemi Corporation VSC7440 Datasheet HTML 364Page - Microsemi Corporation VSC7440 Datasheet HTML 365Page - Microsemi Corporation VSC7440 Datasheet HTML 366Page - Microsemi Corporation VSC7440 Datasheet HTML 367Page - Microsemi Corporation VSC7440 Datasheet HTML 368Page - Microsemi Corporation VSC7440 Datasheet HTML 369Page - Microsemi Corporation VSC7440 Datasheet HTML 370Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
349
Setting CTRL.ENABLE enables the controller. The controller can be disabled by clearing the
CTRL.ENABLE field, there is a chance that disabling is not allowed (at the time when it is attempted); the
ENABLE_STATUS register shows if the controller was successful disabled.
Before enabling the controller, the user must decide on either standard or fast mode (CFG.SPEED) and
configure clock dividers for generating the correct timing (SS_SCL_HCNT, SS_SCL_LCNT,
FS_SCL_HCNT, FS_SCL_LCNT, and SDA_SETUP). The configuration of the divider registers depends
on the VCore-III system clock frequency. The register descriptions explain how to calculate the required
values.
Some two-wire serial devices require a hold time on TWI_SDA after TWI_SCL when transmitting from
the two-wire serial interface controller. The device supports a configurable hold delay through the
TWI_CONFIG register.
The two-wire serial interface controller has an 8-byte combined receive and transmit FIFO.
During normal operation of the two-wire serial interface controller, the STATUS register shows the activity
and FIFO states.
Figure 122 •
Two-Wire Serial Interface Timing for 7-bit Address Access
4.8.6.1
Two-Wire Serial Interface Addressing
To configure either 7-bit or 10 bit addressing, use CFG.MASTER_10BITADDR.
The two-wire serial interface controller can generate both General Call and START Byte. Initiate this
through TAR.GC_OR_START_ENA or TAR.GC_OR_START. The target/slave address is configured
using the TAR register.
4.8.6.2
Two-Wire Serial Interface Interrupt
The two-wire serial interface controller can generate a multitude of interrupts. All of these are described
in the RAW_INTR_STAT register. The RAW_INTR_STAT register contains interrupt fields that are always
set when their trigger conditions occur. The INTR_MASK register is used for masking interrupts and
allowing interrupts to propagate to the INTR_STAT register. When set in the INTR_STAT register, the
two-wire serial interface controller asserts interrupt toward the VCore-III interrupt controller.
The RAW_INTR_STAT register also specifies what is required to clear the specific interrupts. When the
source of the interrupt is removed, reading the appropriate CLR_* register (for example,
CLR_RX_OVER) clears the interrupt.
4.8.6.3
Built-in Two-Wire Serial Multiplexer
The device has built-in support for connecting to multiple two-wire serial devices that use the same two-
wire serial address. This is done by using the multiplexed clock outputs (TWI_SCL_Mn) for the two-wire
serial devices rather than TWI_SCL. Depending on which device or devices it needs to talk to, software
can then enable/disable the various clocks. This multiplexing feature is available for the first two-wire
serial interface controller instance.
From the two-wire serial controllers point of view, it does not know if it is using TWI_SCL or
TWI_SCL_Mn clocks. When using multiplexed mode, software needs to enable/disable individual
TWI_SCL_Mn connections before initiating the access operation using the two wire serial controller.
TWI2_SDA/GPIO
I/O
Two-wire serial interface 2 data, open-collector output.
Table 256 •
Two-Wire Serial Interface Pins (continued)
Pin Name
I/O
Description
Address / Command
TWI_SCL
TWI_SDA
A6
A0
R/W
ACK
D7
D1
D0
ACK
17
917
8
9
8
Data
START
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com