Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 360 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 360 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 356Page - Microsemi Corporation VSC7440 Datasheet HTML 357Page - Microsemi Corporation VSC7440 Datasheet HTML 358Page - Microsemi Corporation VSC7440 Datasheet HTML 359Page - Microsemi Corporation VSC7440 Datasheet HTML 360Page - Microsemi Corporation VSC7440 Datasheet HTML 361Page - Microsemi Corporation VSC7440 Datasheet HTML 362Page - Microsemi Corporation VSC7440 Datasheet HTML 363Page - Microsemi Corporation VSC7440 Datasheet HTML 364Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
343
The memory controller supports two chip selects and automatically selects modules based on the
configured address width and bank count. The resulting pool of memory is one large consecutive region.
4.8.3.2
On-Die Termination
An end termination scheme must be configured when writing from the device to the memory modules,
the memory module furthest away from the device must be connected to the ODT output. Enable
assertion of ODT output for all write access by setting MEMCTRL_TERMRES_CTRL = 0x0000000C.
Figure 120 •
Memory Controller ODT Hookup
4.8.3.3
Enabling and Calibrating SSTL I/Os
Prior to controller initialization, the device’s SSTL I/O drivers must be enabled and calibrated to correct
drive strength and termination resistor values. It is recommended that the device’s I/O drive and
termination strengths be 60
Ω/60 Ω.
Complete the following tasks to enable and calibrate the SSTL I/Os.
1.
Enable the SSTL mode by clearing MEMPHY_CFG.PHY_RST and setting
MEMPHY_CFG.PHY_SSTL_ENA.
2.
Perform calibration with the previously mentioned drive and termination strengths by writing 0xEF to
MEMPHY_ZCAL.
3.
Wait until MEMPHY_ZCAL.ZCAL_ENA is cleared (indicates calibration is done).
4.
Enable drive of the SSTL I/Os by setting MEMPHY_CFG.PHY_CK_OE,
MEMPHY_CFG.PHY_CL_OE, and MEMPHY_CFG.PHY_ODT_OE.
The SSTL interface is now enabled and calibrated, and the initialization of the memory controller can
commence.
4.8.3.4
Memory Controller and Module Initialization
After memory controller parameters are configured, and after the SSTL I/Os are enabled and calibrated,
the memory controller and modules are initialized by setting MEMCTRL_CTRL.INITIALIZE.
During initialization, the memory controller automatically follows the proper JEDEC defined procedure for
initialization and writing of mode registers to the DDR3/DDR3L memory modules.
MEMCTRL_MR1_VAL.MR1_VAL
Set to MR1.
MEMCTRL_MR2_VAL.MR2_VAL
Set to MR2.
MEMCTRL_MR3_VAL.MR3_VAL
Set to MR3.
Table 251 •
Memory Controller Configuration (continued)
Register Field
Description
DDR2/3
Memory
Controller
Memory Module
Byte Lane 1
CS0
CS1
Byte Lane 0
ODT
CS#
Memory Module
CS#
ODT
Memory Module
CS#
ODT
Memory Module
CS#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com