Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 357 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 357 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 353Page - Microsemi Corporation VSC7440 Datasheet HTML 354Page - Microsemi Corporation VSC7440 Datasheet HTML 355Page - Microsemi Corporation VSC7440 Datasheet HTML 356Page - Microsemi Corporation VSC7440 Datasheet HTML 357Page - Microsemi Corporation VSC7440 Datasheet HTML 358Page - Microsemi Corporation VSC7440 Datasheet HTML 359Page - Microsemi Corporation VSC7440 Datasheet HTML 360Page - Microsemi Corporation VSC7440 Datasheet HTML 361Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
340
1.
Write GENERAL_CTRL.IF_SI_OWNER = 2 to make SI master controller the owner of the SI
interface.
2.
Write BAUDR = 250 to get 1 MHz baud rate.
3.
Write SER = 2 to use SI_nCS1.
4.
Write CTRLR0 = 0x10F for 16-bit data frame and transmit only.
5.
Write SIMCEN = 1 to enable the SI master controller.
6.
Write DR[0] = 0x8000, 0x0081, 0x8181, 0x8100 to configure SI slave for big endian / most significant
bit first mode.
7.
Wait for SR.TFE = 1 and SR.BUSY = 0 for chip select to deassert between accesses to the SI slave.
8.
Write DR[0] = 0x8040, 0x0101, 0x2345, 0x6700 to write DEVCPU_GCB::GPR in slave device.
9.
Wait for SR.TFE = 1 and SR.BUSY = 0, then disable the SI master controller by writing SIMCEN = 0.
When reading from the SI slave, CTRLR0.TMOD must be configured for transmit and receive. One-byte
padding is appropriate for a 1 MHz baud rate.
4.8.3
DDR3/DDR3L Memory Controller
This section provides information about how to configure and initialize the DDR3/DDR3L memory
controller.
The following table lists the registers associated with the memory controller.
The memory controller works with JEDEC-compliant DDR3/DDR3L memory modules. The controller
runs 312.50 MHz and supports one or two byte lanes in either single or dual row configurations (one or
two chip selects). The controller supports up to 16 address bits. The maximum amount of physical
memory that can be attached to the controller is 1 gigabyte.
The memory controller supports ECC encoding/decoding by using one of the two lanes for ECC
information. Enabling ECC requires that both byte lanes are populated. When ECC is enabled, half the
total physical memory is available for software use; the other half is used for ECC information.
Table 249 •
DDR3/DDR3L Controller Registers
Register
Description
ICPU_CFG::RESET
Reset Control
ICPU_CFG::MEMCTRL_CTRL
Control
ICPU_CFG::MEMCTRL_CFG
Configuration
ICPU_CFG::MEMCTRL_STAT
Status
ICPU_CFG::MEMCTRL_REF_PERIOD
Refresh period configuration
ICPU_CFG::MEMCTRL_ZQCAL
DDR3/DDR3L ZQ-calibration
ICPU_CFG::MEMCTRL_TIMING0
Timing configuration
ICPU_CFG::MEMCTRL_TIMING1
Timing configuration
ICPU_CFG::MEMCTRL_TIMING2
Timing configuration
ICPU_CFG::MEMCTRL_TIMING3
Timing configuration
ICPU_CFG::MEMCTRL_MR0_VAL
Mode register 0 value
ICPU_CFG::MEMCTRL_MR1_VAL
Mode register 1 value
ICPU_CFG::MEMCTRL_MR2_VAL
Mode register 2 value
ICPU_CFG::MEMCTRL_MR3_VAL
Mode register 3 value
ICPU_CFG::MEMCTRL_TERMRES_CTRL
Termination resistor control
ICPU_CFG::MEMCTRL_DQS_DLY
DQS window configuration
ICPU_CFG::MEMPHY_CFG
SSTL configuration
ICPU_CFG::MEMPHY_ZCAL
SSTL calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com