Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 355 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 355 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 351Page - Microsemi Corporation VSC7440 Datasheet HTML 352Page - Microsemi Corporation VSC7440 Datasheet HTML 353Page - Microsemi Corporation VSC7440 Datasheet HTML 354Page - Microsemi Corporation VSC7440 Datasheet HTML 355Page - Microsemi Corporation VSC7440 Datasheet HTML 356Page - Microsemi Corporation VSC7440 Datasheet HTML 357Page - Microsemi Corporation VSC7440 Datasheet HTML 358Page - Microsemi Corporation VSC7440 Datasheet HTML 359Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
338
Figure 118 •
SIMC SPI Clock Configurations
Data is sampled in the middle of the data-eye.
When using SPI protocol and transferring more than one data frame at the time, the controller performs
one consecutive transfer. The following illustration shows a transfer of three data frames of 4 bits each.
Note: Transmitting transfers end when the transmit FIFO runs out of data frames. Receive only transfers end
when the pre-defined number of data-frames is read from the SI interface.
Figure 119 •
SIMC SPI 3x Transfers
4.8.2.2
SSP Protocol
The SSP protocol for transferring two 6-bit data frames is shown in the following illustration. When using
SSP mode, CTRLR0.SCPH and CTRLR0.SCPOL must remain zero.
SI_nCS0
SI_CLK
SI_DO
SI_DI
75
4
3
2
1
0
CTRLR0.SCPH = 0, CTRLR0.SCPOL = 0
6
SI_nCS0
SI_CLK
SI_DO
SI_DI
75
4
3
2
1
0
CTRLR0.SCPH = 1, CTRLR0.SCPOL = 0
6
SI_nCS0
SI_CLK
SI_DO
SI_DI
75
4
3
2
1
0
CTRLR0.SCPH = 1, CTRLR0.SCPOL = 1
6
SI_nCS0
SI_CLK
SI_DO
SI_DI
75
4
3
2
1
0
CTRLR0.SCPH = 0, CTRLR0.SCPOL = 1
6
75
4
3
2
1
0
6
75
4
3
2
1
0
6
75
4
3
2
1
0
6
75
4
3
2
1
0
6
SI_nCS0
SI_CLK
SI_DO
SI_DI
3
1
0
3
210
First frame
2
3
1
0
3
210
2
32
10
32
10
Second frame
Third frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com