Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 352 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 352 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 348Page - Microsemi Corporation VSC7440 Datasheet HTML 349Page - Microsemi Corporation VSC7440 Datasheet HTML 350Page - Microsemi Corporation VSC7440 Datasheet HTML 351Page - Microsemi Corporation VSC7440 Datasheet HTML 352Page - Microsemi Corporation VSC7440 Datasheet HTML 353Page - Microsemi Corporation VSC7440 Datasheet HTML 354Page - Microsemi Corporation VSC7440 Datasheet HTML 355Page - Microsemi Corporation VSC7440 Datasheet HTML 356Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
335
the VCore-III CPU. This greatly optimizes reading from sequential addresses in the Flash, such as when
copying data from Flash into program memory.
The following illustrations depict 24-bit address mode. When the controller is set to 32-bit mode (through
SPI_MST_CFG.A32B_ENA), 32 address bits are transferred instead of 24.
Figure 116 •
SI Read Timing in Normal Mode
Figure 117 •
SI Read Timing in Fast Mode
The default timing of the SI boot controller operates with most serial interface Flash devices. Use the
following process to calculate the optimized serial interface parameters for a specific SI device:
1.
Calculate an appropriate frequency divider value as described in SPI_MST_CFG.CLK_DIV. The SI
operates at no more than 25 MHz, and the maximum frequency of the SPI device must not be
exceeded. The VCore-III system frequency in the device is 250 MHz.
2.
The SPI device may require a FAST_READ command rather than normal READ when the SI
frequency is increased. Setting SPI_MST_CFG.FAST_READ_ENA makes the SI boot controller use
FAST_READ commands.
3.
Calculate SPI_MST_CFG.CS_DESELECT_TIME so that it matches how long the SPI device
requires chip-select to be deasserted between access. This value depends on the SI clock period
that results from the SPI_MST_CFG.CLK_DIV setting.
These parameters must be written to SPI_MST_CFG. The CLK_DIV field must either be written last or at
the same time as the other parameters. The SPI_MST_CFG register can be configured while also
booting up from the SI.
When the VCore-III CPU boots from the SI interface, the default values of the SPI_MST_CFG register
are used until the SI_MST_CFG is reconfigured with optimized parameters. This implies that SI_CLK is
operating at approximately 8.1 MHz, with normal read instructions and maximum gap between chip
select operations to the Flash.
Note: The SPI boot master does optimized reading. SI_DI (from the Flash) is sampled just before driving falling
edge on SI_CLK (to the Flash). This greatly relaxes the round trip delay requirement for SI_CLK to SI_DI,
allowing high Flash clock frequencies.
4.8.2
SI Master Controller
This section describes the SPI master controller (SIMC) and how to use it for accessing external SPI
slave devices, such as programming of a serially attached Flash device on the boot interface. VCore
booting from serial Flash is handled by the SI boot master.
SI_nCS0
SI_CLK
SI_DO
SI_DI
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0
9876 5 4 3210
READ
543 2 1 0
6
7
Data Byte #0
2
3
2
2
24 Bit Address
54 32 1 0
6
7
Data Byte #1
5432 1 0
6
7
Data Byte #2
54 3210
6
7
Data Byte #3
SI_nCS0
SI_CLK
SI_DO
SI_DI
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 9 8 7 6 543 21 0
FAST_READ
5 432 10
6
7
Data Byte #0
2
3
2
2
24 Bit Address
54 32 1 0
6
7
Data Byte #1
543 21 0
6
7
Data Byte #2
543 21 0
6
7
Data Byte #3
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com