Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 343 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 343 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 339Page - Microsemi Corporation VSC7440 Datasheet HTML 340Page - Microsemi Corporation VSC7440 Datasheet HTML 341Page - Microsemi Corporation VSC7440 Datasheet HTML 342Page - Microsemi Corporation VSC7440 Datasheet HTML 343Page - Microsemi Corporation VSC7440 Datasheet HTML 344Page - Microsemi Corporation VSC7440 Datasheet HTML 345Page - Microsemi Corporation VSC7440 Datasheet HTML 346Page - Microsemi Corporation VSC7440 Datasheet HTML 347Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
326
The FDMA implements two extraction channels per CPU port and a total of eight injection channels.
Extraction channels are hard-coded per CPU port, and injection channels can be individually assigned to
any CPU port.
•
FDMA channel 0 corresponds to port 53 (group 0) extraction direction.
•
FDMA channel 1 corresponds to port 54 (group 1) extraction direction.
•
FDMA channel 2 through 9 corresponds to port 53 (group 0) injection direction when
FDMA_CH_CFG[channel].CH_INJ_GRP is set to 0.
•
FDMA channel 2 through 9 corresponds to port 54 (group 1) injection direction when
FDMA_CH_CFG[channel].CH_INJ_GRP is set to 1.
The FDMA implements a strict priority scheme. Injection and extraction channels can be assigned
individual priorities, which are used when the FDMA has to decide between servicing two or more
channels. Channel priority is configured in FDMA_CH_CFG[ch].CH_PRIO. When channels have same
priority, the higher channel number takes priority over the lower channel number.
When more than one injection channel is enabled for injection on the same CPU port, then priority
determines which channel that is allowed to inject data. Ownership is re-arbitrated on frame boundaries.
The internal frame header is added in front of extracted frames and provides useful switching information
about the extracted frames.
Injection frames requires an internal frame header for controlling injection parameters. The internal frame
header is added in front of frame data. The device recalculates and overwrites the Ethernet FCS for
frames that are injected via the CPU when requested by setting in the internal frame header.
For more information about the extraction and injection IFH, see Frame Headers, page 13.
The FDMA supports a manual mode where the FDMA decision logic is disabled and the FDMA takes and
provides data in the order that was requested by an external master (internal or external CPU). The
manual mode is a special case of normal FDMA operation where only few of the FDMA features apply.
For more information about manual operation, see Manual Mode.
The following configuration must be performed before enabling FDMA extraction: Set
XTR_GRP_CFG[group].MODE = 2.
The following configurations must be performed before enabling FDMA injection: Set
INJ_GRP_CFG[group].MODE = 2. Set INJ_CTRL[group].GAP_SIZE = 0, set
PORT_CFG[port].INJ_FORMAT_CFG = 1, set PORT_CFG[port].NO_PREAMBLE_ENA = 1, and set
PORT_CFG[port].VSTAX2_AWR_ENA = 0.
4.7.1
DMA Control Block Structures
The FDMA processes linked lists of DMA Control Block Structures (DCBs). The DCBs have the same
basic structure for both injection or for extraction. A DCB must be placed on a 32-bit word-aligned
address in memory. Each DCB must have an associated data block that is placed on a 32-bit word
aligned address in memory, the length of the data block must be a complete number of 32-bit words.
An Ethernet frame can be contained inside one data block (if the data block is big enough) or the frame
can be spread across multiple data blocks. A data block never contains more than one Ethernet frame.
Data blocks that contain start-of-frame have set a special bit in the DCB’s status word, likewise for data
blocks that contains end of frame. The FDMA stores or retrieves Ethernet frame data in network order.
This means that the data at byte address (n) of a frame was received just before the data at byte address
(n +1).
Frame data inside the DCB’s associated data blocks can be placed at any byte offset and have any byte
length as long as byte offset and length does not exceed the size of the data block. Byte offset and length
is configured using special fields inside the DCB status word. Software can specify offset both when
setting up extraction and injection DCBs. Software only specifies length for injection DCBs; the FDMA
automatically calculates and updates length for extraction.
Example If a DCB’s status word has block offset 5 and block length 2, then the DCB’s data block
contains two bytes of frame data placed at second and third bytes inside the second 32-bit word of the
DCB’s associated data block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com