Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 345 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 345 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 341Page - Microsemi Corporation VSC7440 Datasheet HTML 342Page - Microsemi Corporation VSC7440 Datasheet HTML 343Page - Microsemi Corporation VSC7440 Datasheet HTML 344Page - Microsemi Corporation VSC7440 Datasheet HTML 345Page - Microsemi Corporation VSC7440 Datasheet HTML 346Page - Microsemi Corporation VSC7440 Datasheet HTML 347Page - Microsemi Corporation VSC7440 Datasheet HTML 348Page - Microsemi Corporation VSC7440 Datasheet HTML 349Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
328
Figure 110 •
FDMA Channel States
A channel that has FDMA_DCB_LLP[ch].DCB_LLP==NULL when going from ACTIVE to UPDATING
disables itself instead of loading a new DCB. After this it can be re-enabled as previously described.
Extraction channels emit an INTR_LLP-event when loading a DCB with LLP==NULL. Injection channels
emit an INTR_LLP-event when saving status for a DCB that has the LLP==NULL.
Note: Extraction channel running out of DCBs during extraction is a problem that software must avoid. A
hanging extraction channel will potentially be head-of-line blocking other extraction channels.
It is possible to update an active channels LLP pointer and pointers in the DCB chains. Before changing
pointers software must schedule the channel for disabling (by writing
FDMA_CH_DISABLE.CH_DISABLE[ch]) and then wait for the channel to set
FDMA_CH_SAFE.CH_SAFE[ch]. When the pointer update is complete, soft must re-activate the channel
by setting FDMA_CH_ACTIVATE.CH_ACTIVATE[ch]. Setting activate will cancel the deactivate-request,
or if the channel has disabled itself in the meantime, it will re activate the channel.
Note: The address of the current DCB is available in FDMA_DCB_LLP_PREV[ch]. This information is useful
when modifying pointers for an active channel. The FDMA does not reload the current DCB when re-
activated, so if the LLP-field of the current DCB is modified, then software must also modify
FDMA_DCB_LLP[ch].
Setting FDMA_CH_CFG[ch].DONEEOF_STOP_ENA disables an FDMA channel and emits LLP-event
after saving status for DCBs that contains EOF (after extracting or injecting a complete frame). Setting
FDMA_CH_CFG[ch].DONE_STOP_ENA disables an FDMA channel and emits LLP-event after saving
status for any DCB.
4.7.3
Channel Counters
The FDMA implements three counters per channel: SIG, DCB, and FRM. These counters are accessible
through FDMA_CH_CNT[ch].CH_CNT_SIG, FDMA_CH_CNT[ch].CH_CNT_DCB, and
FDMA_CH_CNT[ch].CH_CNT_FRM, respectively. For more information about how to safely modify
these counters, see the register descriptions.
•
The SIG (signal) counter is incremented by one each time the FDMA loads a DCB that has the
DATAL.SIG bit set to 1.
DISABLED
UPDATING
ACTIVE
Update STAT word at address
ICPU_CFG::FDMA_DCB_LLP_PREV[ch] + 0xC.
Disable when DCB.LLP == NULL or
user requested DISABLE of channel.
Enable when user requested
ACTIVATE of channel.
Load DCB from address
ICPU_CFG::FDMA_DCB_LLP[ch].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com