Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 332 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 332 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 328Page - Microsemi Corporation VSC7440 Datasheet HTML 329Page - Microsemi Corporation VSC7440 Datasheet HTML 330Page - Microsemi Corporation VSC7440 Datasheet HTML 331Page - Microsemi Corporation VSC7440 Datasheet HTML 332Page - Microsemi Corporation VSC7440 Datasheet HTML 333Page - Microsemi Corporation VSC7440 Datasheet HTML 334Page - Microsemi Corporation VSC7440 Datasheet HTML 335Page - Microsemi Corporation VSC7440 Datasheet HTML 336Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
315
The MIIM slave interface allows an external CPU to perform read and write access to the device register
targets. Register access is done indirectly, because the address and data fields of the MIIM protocol is
less than those used by the register targets. Transfers on the MIIM interface are using the Management
Frame Format protocol specified in IEEE 802.3, Clause 22.
The MIIM slave pins on the device are overlaid functions on the GPIO interface. MIIM slave mode is
enabled by configuring the appropriate VCore_CFG strapping pins. For more information, see VCore-III
Configurations, page 306. When MIIM slave mode is enabled, the appropriate GPIO pins are
automatically overtaken. For more information about overlaid functions on the GPIOs for these signals,
see GPIO Overlaid Functions, page 352.
The following table lists the pins of the MIIM slave interface.
MIIM_SLV_MDIO is sampled or changed on the rising edge of MIIM_SLV_MDC by the MIIM slave
interface.
The MIIM slave can be configured to answer on one of two different PHY addresses using
ICPU_CFG::GENERAL_CTRL.IF_MIIM_SLV_ADDR_SEL or the VCore_CFG strapping pins.
The MIIM slave has seven 16-bit MIIM registers defined as listed in the following table.
A 32-bit switch core register read or write transaction over the MIIM interface is done indirectly due to the
limited data width of the MIIM frame. First, the address of the register inside the device must be set in the
two 16-bit address registers of the MIIM slave using two MIIM write transactions. The two 16-bit data
registers can then be read or written to access the data value of the register inside the device. Thus, it
requires up to four MIIM transactions to perform a single read or write operation on a register target.
Table 232 •
MIIM Slave Pins
Pin Name
I/O
Description
MIIM_SLV_MDC/GPIO
I
MIIM slave clock input
MIIM_SLV_MDIO/GPIO
I/O
MIIM slave data input/output
Table 233 •
MIIM Registers
Register Address
Register Name
Description
0
ADDR_REG0
Bits 15:0 of the address to read or write. The address field must be
formatted as word address.
1
ADDR_REG1
Bits 31:16 of the address to read or write.
2
DATA_REG0
Bits 15:0 of the data to read or write. Returns 0x8888 if a register read
error occurred.
3
DATA_REG1
Bits 31:16 of the data to read or write. The read or write operation is
initiated after this register is read or written. Returns 0x8888 if read while
busy or a register read error occurred.
4
DATA_REG1_INCR Bits 31:16 of data to read or write. The read or write operation is initiated
after this register is read or written. When the operation is complete, the
address register is incremented by one. Returns 0x8888 if read while
busy or a register read error occurred.
5
DATA_REG1_INERT Bits 31:16 of data to read or write. Reading or writing to this register does
not cause a register access to be initiated. Returns 0x8888 if a register
read error occurred.
6
STAT_REG
The status register gives the status of any ongoing operations.
Bit 0: Busy. Set while a register read/write operation is in progress.
Bit 1: Busy_rd. Busy status during the last read or write operation.
Bit 2: Err. Set if a register access error occurred.
Others: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com