Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 325 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 325 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 321Page - Microsemi Corporation VSC7440 Datasheet HTML 322Page - Microsemi Corporation VSC7440 Datasheet HTML 323Page - Microsemi Corporation VSC7440 Datasheet HTML 324Page - Microsemi Corporation VSC7440 Datasheet HTML 325Page - Microsemi Corporation VSC7440 Datasheet HTML 326Page - Microsemi Corporation VSC7440 Datasheet HTML 327Page - Microsemi Corporation VSC7440 Datasheet HTML 328Page - Microsemi Corporation VSC7440 Datasheet HTML 329Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
308
Figure 100 •
Shared Bus Memory Map
Note: When the VCore-III system is protected from a soft reset using
ICPU_CFG::RESET.CORE_RST_CPU_ONLY, a soft reset does not change shared bus memory
mapping. For more information about protecting the VCore-III system when using a soft reset, see
Clocking and Reset, page 306.
If the boot process copies the SI Flash image to DDR3/DDR3L, and if the contents of the SI memory and
the DDR3 memory are the same, software can execute from the mirrored region when swapping from
boot mode to normal mode. Otherwise, software must be execute from the fixed SI Flash region when
changing from boot mode to normal mode.
The Frame DMA has dedicated access to PCIe outbound and to the DDR3/DDR3L. This means that
access on the SBA to other parts of the device, such as register access, does not affect Frame DMA
injection/extraction performance.
Reserved
PCIe DMA
Reserved
Reserved
DDR3/DDR3L
Mirror of SI Flash
Chip Registers
0x00000000
0x80000000
0x20000000
0xFFFFFFFF
Boot Mode (Physical), 512 MB
0x10000000
256 MB
1 GB
512 MB
Mirror of DDR3/DDR3L
Chip Registers
0x00000000
0x80000000
0x20000000
0xFFFFFFFF
Normal Mode (Physical), 512 MB
Reserved
512 MB
1 GB
256 MB
0x70000000
0x70000000
256 MB
SI Flash
0x40000000
256 MB
DDR3/DDR3L
512 MB
0x40000000
Reserved
0x50000000
256 MB
512 MB
SI Flash
0x50000000
256 MB
512 MB
Reserved
DDR3/DDR3L
Chip Registers
0x00000000
0x80000000
0xFFFFFFFF
Boot Mode (Physical), 1 GB(1)
0x10000000
PCIe DMA
1 GB
Mirror of DDR3/DDR3L
Chip Registers
0x00000000
0x80000000
0xFFFFFFFF
Normal Mode (Physical), 1 GB(1)
DDR3/DDR3L
1 GB
1 GB
256 MB
0x70000000
0x70000000
256 MB
SI Flash
0x40000000
0x40000000
Reserved
1 GB
0x50000000
256 MB
512 MB
SI Flash
0x50000000
256 MB
512 MB
1 GB
0xC0000000
0xC0000000
Reserved
Mirror of SI Flash
256 MB
768 MB
PCIe DMA
1 GB
PCIe DMA
1 GB
0xC0000000
0xC0000000
1. To enable support 1 gigabyte (GB) of DDR3/DDR3L memory (and the associated
memory map), set ICPU_CFG::MEMCTRL_CFG.DDR_512MBYTE_PLUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com