Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 327 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 327 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 323Page - Microsemi Corporation VSC7440 Datasheet HTML 324Page - Microsemi Corporation VSC7440 Datasheet HTML 325Page - Microsemi Corporation VSC7440 Datasheet HTML 326Page - Microsemi Corporation VSC7440 Datasheet HTML 327Page - Microsemi Corporation VSC7440 Datasheet HTML 328Page - Microsemi Corporation VSC7440 Datasheet HTML 329Page - Microsemi Corporation VSC7440 Datasheet HTML 330Page - Microsemi Corporation VSC7440 Datasheet HTML 331Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
310
Figure 101 •
Chip Registers Memory Map
The registers in the 0x70000000 through 0x70FFFFFF region are physically located inside the VCore-III
system, so read and write access to these registers is fast (done in a few clock cycles). All registers in
this region are considered fast registers.
Registers in the 0x71000000 through 0x71FFFFFF region are located inside the switch core; access to
registers in this range takes approximately 1 µs. The DEVCPU_ORG and DEVCPU_QS targets are
special; registers inside these two targets are faster; access to these two targets takes approximately
0.1 µs.
When more than one CPU is accessing registers, the access time may be increased. For more
information, see Register Access and Multimaster Systems.
Writes to the Chip Registers region is buffered (there is a one-word write buffer). Multiple back-to-back
write access pauses the shared bus until the write buffer is freed up (until the previous write is done). A
read access pause the shared bus until read data is available. Executing a write immediately followed by
a read requires the write to be done before the read can be started.
4.3.3
SI Flash Region
Read access from the SI Flash region initiates Flash formatted read access on the SI pins of the device
by means of the SI boot controller.
The SI Flash region cannot be written to. Writing to the SI interface must be implemented by using the SI
master controller. For more information, see SI Master Controller, page 335. For legacy reasons, it is also
possible to write to the SI interface by using the SI boot master’s software “bit-banging” register interface.
For more information, see SI Boot Controller, page 333.
VCore Registers
UART Registers
TWI Registers
0x70100000
0x70100400
0x70100800
1 MB
1 KB
1 KB
0x70000000
SBA Registers
0x70110000
0x70110400
1 KB
Reserved
59 KB
TWI2 Registers
1 KB
0x70101400
SIMC Registers
1 KB
0x70101000
Reserved
3 KB
UART2 Registers
1 KB
0x70100C00
Switch Core Registers
0x71000000
0x72000000
16 MB
PCIe Registers
0x70111000
0x70112000
1 KB
Reserved
15 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com