Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 321 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 321 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 317Page - Microsemi Corporation VSC7440 Datasheet HTML 318Page - Microsemi Corporation VSC7440 Datasheet HTML 319Page - Microsemi Corporation VSC7440 Datasheet HTML 320Page - Microsemi Corporation VSC7440 Datasheet HTML 321Page - Microsemi Corporation VSC7440 Datasheet HTML 322Page - Microsemi Corporation VSC7440 Datasheet HTML 323Page - Microsemi Corporation VSC7440 Datasheet HTML 324Page - Microsemi Corporation VSC7440 Datasheet HTML 325Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
304
VCORE_CFG[3:0]
Configuration of VCore system startup conditions.
0000: VCore-III CPU is enabled (Little Endian mode) and boots from SI (the SI slave is
disabled).
0001: PCIe 1.x endpoint is enabled. Port 10 is enabled for SFI 10G, and NPI port 4 is enabled
for SERDES NoAneg 1G FDX NoFC. VRAP block is accessible through the NPI port.
Automatic boot of VCore-III CPU is disabled, and SI slave is enabled.
0010: PCIe 1.x endpoint is enabled. Port 6 is enabled for SERDES NoAneg 1G FDX NoFC,
and NPI port 4 is enabled for SERDES NoAneg 1G FDX NoFC. VRAP block is accessible
through the NPI port. Au-tomatic boot of VCore-III CPU is disabled, and SI slave is enabled.
0011: PCIe 1.x endpoint is enabled. Port 0 is enabled for SERDES NoAneg 1G FDX NoFC,
and NPI port 4 is enabled for SERDES NoAneg 1G FDX NoFC. VRAP block is accessible
through the NPI port. Au-tomatic boot of VCore-III CPU is disabled, and SI slave is enabled.
0100: PCIe 1.x endpoint is enabled. Port 10 is enabled for SFI 10G, and NPI port 9 is enabled
for SFI 10G. VRAP block is accessible through the NPI port. Automatic boot of VCore-III CPU
is disabled, and SI slave is enabled.
0101: PCIe 1.x endpoint is enabled. NPI port 9 is enabled for SFI 10G. VRAP block is
accessible through the NPI port. Automatic boot of VCore-III CPU is disabled, and SI slave is
enabled.
1000: PCIe 1.x endpoint is enabled. NPI port 4 is enabled for SERDES NoAneg 1G FDX
NoFC. VRAP block is accessible through the NPI port. Automatic boot of VCore-III CPU is
disabled, and SI slave is enabled.
1001: PCIe 1.x endpoint is enabled. Automatic boot of VCore-III CPU is disabled, and SI
slave is enabled.
1010: MIIM slave is enabled with MIIM address 0 (MIIM slave pins are overlaid on GPIOs).
Automatic boot of VCore-III CPU is disabled, and SI slave is enabled.
1011: MIIM slave is enabled with MIIM address 31 (MIIM slave pins are overlaid on GPIOs).
Automatic boot of VCore-III CPU is disabled, and SI slave is enabled.
1100: VCore-III CPU is enabled (Big Endian mode) and boots from SI (the SI slave is
disabled).
1111: Automatic boot of VCore-III CPU is disabled, and SI slave is enabled.
Other values are reserved and must not be used.
Table 228 •
Strapping (continued)
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com