Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 320 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 320 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 316Page - Microsemi Corporation VSC7440 Datasheet HTML 317Page - Microsemi Corporation VSC7440 Datasheet HTML 318Page - Microsemi Corporation VSC7440 Datasheet HTML 319Page - Microsemi Corporation VSC7440 Datasheet HTML 320Page - Microsemi Corporation VSC7440 Datasheet HTML 321Page - Microsemi Corporation VSC7440 Datasheet HTML 322Page - Microsemi Corporation VSC7440 Datasheet HTML 323Page - Microsemi Corporation VSC7440 Datasheet HTML 324Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
303
For information about protecting the VCore CPU system during a soft-reset, see Clocking and Reset,
page 302.
3.36.1
Pin Strapping
Configure PLL2 reference clocks and VCore startup mode using the strapping pins on the GPIO
interface. The device latches strapping pins and keeps their value when nRESET to the device is
released. After reset is released, the strapping pins are used for other functions. For more information
about which GPIO pins are used for strapping, see GPIO Overlaid Functions, page 352.
By using resistors to pull the GPIOs either low or high, software can use these GPIO pins for other
functions after reset has been released.
Undefined configurations are reserved and cannot be used. VCore-III configurations that enable a front
port or the PCIe endpoint drive VCore_CFG[3:2] high when the front port or PCIe endpoint is ready to
use.
Table 228 •
Strapping
Pin
Description
REFCLK2_SEL
Strap high to enable PLL2.
0: PLL is source of switch core and VCore clocks. PLL2 is powered down, but can be enabled
through registers.
1: PLL2 is source of switch core and VCore clocks.
REFCLK_CONF[2:0]
Reference clock frequency for PLL.
REFCLK2_CONF[2:0] Configuration of reference clock frequency for PLL2, this is don't care if PLL2 is not enabled.
000: 125 MHz
001: 156.25 MHz
010: 250 MHz
100: 25 MHz
Other values are reserved and must not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com