Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 322 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 322 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 318Page - Microsemi Corporation VSC7440 Datasheet HTML 319Page - Microsemi Corporation VSC7440 Datasheet HTML 320Page - Microsemi Corporation VSC7440 Datasheet HTML 321Page - Microsemi Corporation VSC7440 Datasheet HTML 322Page - Microsemi Corporation VSC7440 Datasheet HTML 323Page - Microsemi Corporation VSC7440 Datasheet HTML 324Page - Microsemi Corporation VSC7440 Datasheet HTML 325Page - Microsemi Corporation VSC7440 Datasheet HTML 326Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
305
4
VCore-III System and CPU Interfaces
This section provides information about the functional aspects of blocks and interfaces related to the
VCore-III on-chip microprocessor system and an external CPU system.
The device contains a powerful VCore-III CPU system that is based on an embedded MIPS24KEc-
compatible microprocessor and a high bandwidth Ethernet Frame DMA engine. The VCore-III system
can control the device independently, or it can support an external CPU, relieving the external CPU of the
otherwise time consuming tasks of transferring frames, maintaining the switch core, and handling
networking protocols.
When the VCore-III CPU is enabled, it either automatically boots up from serial Flash or a external CPU
can manually load a code-image to the device and then start the VCore-III CPU.
An external CPU can be connected to the device through the PCIe interface, serial interface (SI),
dedicated MIIM slave interface, or through Versatile Register Access Protocol (VRAP) formatted
Ethernet frames using the NPI Ethernet port. Through these interfaces, the external CPU has access to
the complete set of device registers and can control them without help from the VCore-III CPU if needed.
The following illustration shows the VCore-III block diagram.
Figure 99 •
VCore-III System Block Diagram
Switch Core
Register Bus
Access/Arbiter
Switch Core Register Bus (CSR)
Switch Core
Registers
VCore SBA
Access Block
VCore Shared Bus
Access/Arbiter
VCore Shared Bus (SBA)
GPIO I/O
Controller
MIIM
Masters × 2
Temperature
Sensor
Fan
Controller
SGPIO I/O
Controller
DDR3/3L
Controller
Two-Wire Serial
Interface × 2
UART × 2
Interrupt
Controller
SI Flash Boot
Master(1)
Timers × 3
PCIe Inbound(2)
PCIe
Outbound
VRAP
(Register access
through Ethernet)
Switch Core
Access Block
VCore CPU
MIIM Slave
SI Slave(1)
Frame DMA
(FDMA)
Manual Frame
Inject/Extract
1. When the Vcore-III CPU boots up from the SI Flash, the SI is reserved as boot interface and cannot be used by an external CPU.
2. Inbound PCIe access to BAR0 maps to VCore register space (switch core access block, interrupt controller, timers, two-wire serial
master/slave, UARTs, and manual frame injection/extraction). Inbound PCIe access to BAR2 maps to the DDR3/3L memory space
(DDR controller).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com