Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 312 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 312 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 308Page - Microsemi Corporation VSC7440 Datasheet HTML 309Page - Microsemi Corporation VSC7440 Datasheet HTML 310Page - Microsemi Corporation VSC7440 Datasheet HTML 311Page - Microsemi Corporation VSC7440 Datasheet HTML 312Page - Microsemi Corporation VSC7440 Datasheet HTML 313Page - Microsemi Corporation VSC7440 Datasheet HTML 314Page - Microsemi Corporation VSC7440 Datasheet HTML 315Page - Microsemi Corporation VSC7440 Datasheet HTML 316Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
295
IFH.FWD.SRC_PORT=<masqueraded port>). A masquerade-injected frame sees the same source filter,
classification, and learning as the physical port being masqueraded.
3.32.1.2 Injection Pipeline Points
The device supports specifying where in the processing flow a frame is injected by specifying a pipeline
point for the frame (IFH.MISC.PIPELINE_PT0). The frame will then only be processed after the specified
injection point.
3.32.2
Frame Extraction
The CPU receives frames through eight CPU extraction queues. These extraction queues can be
mapped to one of the two CPU ports or any of the front ports (QFWD:SYSTEM:FRAME_COPY_CFG[0-
7]). The CPU extraction queues use memory resources from the shared queue system and are subject to
the thresholds and congestion rules programmed for the CPU extraction queues and the shared queue
system in general.
A frame can be extracted for multiple reasons. For example, a BPDU with a new source MAC address
can be extracted as both a BPDU and a learn frame with two different CPU extraction queues selected.
By default, the highest CPU extraction queue number receives a copy of the frame, but it is also possible
to generate multiple frame copies to all the selected CPU extraction queues
(ANA_AC::CPU_CFG.ONE_CPU_COPY_ONLY_MASK).
The CPU can read frames from the CPU port in two ways:
•
Reading registers in the CPU system. For more information, see Manual Extraction, page 331.
•
Using the Frame DMA in the CPU system. For more information, see FDMA Extraction, page 330.
CPU extracted frames include an IFH (28-bytes) placed in front of the DMAC. The IFH contains relevant
side band information about the frame, such as the frame’s classification result (VLAN tag information,
DSCP, QoS class) and the reason for sending the frame to the CPU. For more information about the
contents of the IFH, Frame Headers, page 13.
The originating CPU extraction port number is not part of the IFH, however, a 4-byte header can be
included in front of the IFH containing the CPU extraction port number
(DEVCPU_QS::XTR_GRP_CFG.MODE).
3.32.3
Forwarding to CPU
Several mechanisms can be used to trigger redirection or copying of frames to the CPU. The following
blocks can generate traffic to a CPU queue.
•
Analyzer classifier ANA_CL
•
Analyzer Layer 3 ANA_L3
•
Analyzer Access Control Lists ANA_ACL
•
Analyzer Layer 2 ANA_L2
•
Analyzer Access Control ANA_AC
•Rewriter
Frames copied or redirected to the CPU from both the rewriter and the Up-MEPs are looped and passed
another time through the analyzer.
3.32.4
Automatic Frame Injection (AFI)
The AFI block supports repeated (automated) injection, which requires the injection frame to be sent to
the AFI block with a single IFH bit set (IFH.FWD.AFI_INJ) and with an IFH header configured as for
normal CPU injection.
After an injection frame is sent to the AFI block, the frame can be added for AFI injection. For more
information, see Adding Injection Frame, page 244.
Frames injected from the AFI block are treated as any CPU injection, where IFH fields controls how
injection occurs.
A Down-MEP injected frame must be directly injected into the right egress port as shown in the following
illustration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com