Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 309 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 309 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 305Page - Microsemi Corporation VSC7440 Datasheet HTML 306Page - Microsemi Corporation VSC7440 Datasheet HTML 307Page - Microsemi Corporation VSC7440 Datasheet HTML 308Page - Microsemi Corporation VSC7440 Datasheet HTML 309Page - Microsemi Corporation VSC7440 Datasheet HTML 310Page - Microsemi Corporation VSC7440 Datasheet HTML 311Page - Microsemi Corporation VSC7440 Datasheet HTML 312Page - Microsemi Corporation VSC7440 Datasheet HTML 313Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
292
Figure 89 •
READ Command
Figure 90 •
WRITE Command
3.30.5
VRAP READ-MODIFY-WRITE Command
The READ-MODIFY-WRITE command does read/modify/write-back on any 32-bit register inside the
device.
The READ-MODIFY-WRITE command is 12 bytes wide and consists of one 32-bit address field, which is
32-bit aligned. The two least significant bits of the address set to 11 followed by one 32-bit write-data field
followed by one 32-bit overwrite-mask field. For bits set in the overwrite mask, the corresponding bits in
the write data field are written to the register while bits cleared in the overwrite mask are untouched when
writing to the register. The following illustration shows the command.
Figure 91 •
READ-MODIFY-WRITE Command
3.30.6
VRAP IDLE Command
The IDLE command does not access registers in the device. Instead it just copies itself (the entire
command) into the VRAP response. This can be used for padding to fulfill the minimum transmission unit
size, or an external CPU can use it to insert a unique code into each VRAP request frame so that it can
separate different replies from each other.
The IDLE command is 4 bytes wide and consists of one 32-bit code word with the four least significant
bits of the code word set to 0000. The following illustration depicts the request command and the
associated response.
Figure 92 •
IDLE Command
3.30.7
VRAP PAUSE Command
The PAUSE command does not access registers in the device. Instead it causes the VRAP engine to
enter a wait state and remain there until the pause time has expired. This can be used to ensure
sufficient delay between VRAP commands when this is needed.
The PAUSE command is 4 bytes wide and consists of one 32-bit code word with the four least significant
bits of the code word set to 0100. The wait time is controlled by the 28 most significant bits of the wait
command. The time unit is 1 us. The following illustration depicts the PAUSE command.
Register address, bits 31:2
Request:
32 bits
Register read data
Response:
01
32 bits
Register address, bits 31:2
32 bits
Register write data
10
32 bits
Request:
Register address, bits 31:2
32 bits
Register write data
11
32 bits
Request:
Overwrite mask
32 bits
Any 28-bit value
Request:
32 bits
Copy of value
Response:
0000
32 bits
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com