Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 306 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 306 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 302Page - Microsemi Corporation VSC7440 Datasheet HTML 303Page - Microsemi Corporation VSC7440 Datasheet HTML 304Page - Microsemi Corporation VSC7440 Datasheet HTML 305Page - Microsemi Corporation VSC7440 Datasheet HTML 306Page - Microsemi Corporation VSC7440 Datasheet HTML 307Page - Microsemi Corporation VSC7440 Datasheet HTML 308Page - Microsemi Corporation VSC7440 Datasheet HTML 309Page - Microsemi Corporation VSC7440 Datasheet HTML 310Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
289
3.29.8.3 Port Module Registers
The following table lists the port module registers associated with time stamping. The
PTP_PHY_PREDICT_CFG register must be set for ports with internal PHYs.
3.29.9
Configuring I/O Delays
After a valid link is established and detected by the involved PCS logic, the I/O delays from the internal
time stamping points to the serial line must be configured. The delays are both mode-specific and
interface-specific, depending on the core clock frequency.
Ingress barrel shifter states that in 1G mode, the Rx delays must be added 0.8 ns times the value of
PCS1G_LINK_STATUS.DELAY_VAR to adjust for barrel shifting state after link establishment. In 2.5G
mode, the multiplier is 0.32 ns. In 100FX mode, the Rx delays must be subtracted 0.8 ns times the value
of PCS_FX100_STATUS.EDGE_POS_PTP to adjust for detected data phase.
The following tables provides the Rx and Tx delay times on the ports.
3.30
VRAP Engine
The Versatile Register Access Protocol (VRAP) engine allows external equipment to access registers in
the device through any of the Ethernet ports on the device. The VRAP engine interprets incoming VRAP
requests, and executes read, write, and read-modify-write commands contained in the frames. The
results of the register accesses are reported back to the transmitter through automatically generated
VRAP response frames.
Table 220 •
Port Module Registers
Register
Description
PTP_CFG
Set I/O delays for port, enable PTP, and set port’s time domain.
PTP_EVENTS
Sticky bit for correction field overflow.
PTP_PHY_PREDICT_CFG
Configures the timing information delivered from the internal PHYs
on port 0 and port 1.
PTP_PHASE_PREDICT_CFG
Enables increased accuracy through clock phase evaluation.
Table 221 •
I/O Delays at 156.25 MHz
Port Number
100FX Mode
Rx/Tx
1G Mode
Rx/Tx
2.5G Mode
Rx/Tx
10G Mode
Rx/Tx
0 – 4
69.3/79.5
43.2/44.7
5, 6
78.2/80.8
51.7/43.9
22.0/14.1
7, 8
123.7/113.1
95.5/76.8
40.5/29.4
9, 10
123.7/113.1
95.5/76.8
39.9/29.2
111.8/162.1
Table 222 •
I/O Delays at 52 MHz
Port Number
100FX Mode
Rx/Tx
1G Mode
Rx/Tx
2.5G Mode
Rx/Tx
10G Mode
Rx/Tx
0 – 4
67.3/82.9
44.0/44.2
Does not apply
Does not apply
5, 6
75.4/83.3
52.2/44.2
Does not apply
Does not apply
7, 8
116.6/116.0
98.1/75.3
Does not apply
Does not apply
9, 10
116.6/116.0
98.1/75.3
Does not apply
Does not apply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com